Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 19 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 19 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 15Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 16Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 17Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 18Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 19Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 20Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 21Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 22Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 23Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
Rack Mounting the Switch
1
Back bracket
4
M6 screw
2
M6 screw
5
Rear rack post
3
Shelf support
Figure 6: Left rear post assembly and shelf support orientation
1
Rear rack post
2
Front rack post
3
Shelf supports
5. Adjust the left shelf by sliding its components to fit between the front left and rear left rack posts, as
shown in Figure 7: Adjusting the left shelf.
6. Lift the left shelf above the shelf supports installed on the front left and rear left rack posts (Step 1
and Step 4). Align the holes and hook with the stubs on the brackets as shown in Figure 8: Both
switch shelves installed. Lower the shelf such that the bracket stubs are inserted into the shelf holes
and hook.
7. Press down firmly on the shelf to ensure it is seated securely on the rack posts.
8. Install the right shelf on the right front and right rear rack posts by repeating Step 5 and Step 6 to
obtain the rack configuration shown in .
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com