Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 41 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 41 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 37Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 38Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 39Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 40Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 41Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 42Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 43Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 44Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 45Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
Cabling the Modular Switch
4.10
Connecting Line Card Modules and Cables
Install required SFP, SFP+, QSFP+, QSFP100 and CFP2 optic modules in line card module ports
(Figure 28: SFP or SFP+ ports).
Figure 28: SFP or SFP+ ports
Connect cables as required to line card module ports or fixed MPO ports. Supervisor and line card
module ejectors on the front of the chassis assist with cable management.
CAUTION: Excessive bending can damage interface cables, especially optical cables.
Flexion excessive peut endommager les câbles d'interface, en particulier les câbles optiques.
Note: You must ensure that any open slots for modules, power supplies, etc. are covered by
the appropriate “blank” plates. Check with your local Arista Networks representative if you have
questions.
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com