Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 36 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 36 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 32Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 33Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 34Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 35Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 36Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 37Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 38Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 39Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 40Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
7. Tighten the two captive screws (on the bottom of the adapter) to the power supply module. Torque
screws with #2 Posidriv to 2 N-m (17.7 in.-lbs.).
8. Attach the power cable to the DC power source.
Important: Apply the ground connection first during installation and remove last when
removing power.
Appliquer le motif connexion tout d'abord pendant l'installation et supprimer dernière lors du
retrait de puissance.
4.6
Power Supply Specifications
Table 7: Power Supply Specifications (each PSU) shows the power supply specifications for each of
the PSUs supported.
Table 7: Power Supply Specifications (each PSU)
Power Supply
Maximum
Output Power
Rating (DC)
Input Voltage
and Frequency
Maximum Input
Current
Input Branch
Circuit
Protection
PWR-2700-DC-R 2600 W
-48 or -60 V
(nominal)
80 A
100 A
PWR-3K-DC-
RED
3000 W
-48 or -60 V
(nominal)
80 A
100 A
PWR-3KT-AC
RED
3000 W
200 to 240 V
(nominal) 50 - 60
Hz (nominal)
16 A
20 A
4.7
Power Supply Configurations
Table 8: Power Supply Configurations shows the power supply configurations for the modular
switches.
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com