Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 29 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 29 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 25Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 26Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 27Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 28Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 29Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 30Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 31Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 32Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 33Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
Chapter
4
Cabling the Modular Switch
The following topics are covered in this section:
•
Cabling the Power Supplies
•
Cabling Secondary Ground
•
Cabling the AC Power Supply
•
Cabling the DC Power Supply
•
DC Power Adapter Installation for PWR-2700-DC-R
•
Power Supply Specifications
•
Power Supply Configurations
•
Power Supply Redundancy
•
Connecting Supervisor Cables
•
Connecting Line Card Modules and Cables
4.1
Cabling the Power Supplies
Before you begin, refer to the Arista Networks document Compliance and Safety Guide available at:
https://www.arista.com/en/support/product-documentation.
Important: Power down the switch: Remove all power cords from the power inlets.
Mettez le commutateur: Retirez tous les cordons d'alimentation des prises d'alimentation
Important: Installation of this equipment must comply with local and national electrical codes.
If necessary, consult with the appropriate regulatory agencies and inspection authorities to
ensure compliance.
Installation de cet équipement doit être conformes aux codes électriques locaux et nationaux.
Si nécessaire, consulter les organismes de réglementation appropriés et des autorités de
contrôle pour assurer la conformité.
Note: Many configurations will require additional power supplies.
Nombreuses configurations exigera des alimentations supplémentaires.
Important: All power supply slots must be filled with either a power supply or blank to ensure
proper air flow.
Tous les emplacements d'approvisionnement de puissance doivent être remplis avec une
alimentation ou vide pour assurer un débit d'air appropriée.
Important: Read all installation instructions before connecting the system to the power source.
Lire toutes les instructions d'installation avant de brancher le système à la source
d'alimentation.
The 7500N chassis requires the connection of at least two operating power supplies in the top row to
active circuits.
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com