Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 16 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 16 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 12Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 13Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 14Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 15Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 16Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 17Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 18Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 19Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 20Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
Figure 2: Attaching the Center-mount Brackets
1
Center mount brackets
3.1.1.2
Inserting the Switch into the Rack (7504N)
The rack mounting assembly is identical for all 7500N Series switches.
1. Move the chassis to the rack using a mechanical lift.
If modules are inserted in the chassis, use the lift carefully to avoid damaging any components.
2. Lift the chassis into the rack. Position the flanges against the rack posts. Figure 3: Lifting the
Chassis into the Two-post Rack.
Figure 3: Lifting the Chassis into the Two-post Rack
3. Select mounting screws that fit your equipment rack.
4. A minimum of four screws is required on each side of the chassis. The accessory kit provides
screws that fit many common equipment racks. When installing the switch into a rack with
unthreaded post holes, nuts are also required to secure the switch to the rack posts.
5. Attach the bracket flanges to the rack posts (Figure 4: Attaching Flanges to the Rack Post). Space
the screws evenly along the flange.
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com