Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 15 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 15 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 11Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 12Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 13Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 14Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 15Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 16Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 17Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 18Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 19Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
Chapter
3
Rack Mounting the Switch
The following topics are covered in this section:
•
7504N and 7508N Rack Mounting
•
7512N and 7516N Shelf Rack Mount Installation
The accessory kit provides components for installing the switch in two-post and four-post racks.
•
Two-Post Rack Mount provides instructions for mounting the switch in a two-post rack.
•
Four-Post Rack Mount provides instructions for mounting the 7504N and 7508N switches in a four-
post rack.
•
7512N and 7516N Shelf Rack Mount Installation provides instructions for mounting the 7512N and
the 7516N switches in a shelf four-post rack.
The rack mounting procedure is identical for the 7504N and 7508N Series switches. Illustrations in this
chapter depict the mounting of an unpopulated 8-slot chassis.
The 7512N and the 7516N switches require a different mounting shelf, and only for the four-post
rack. Illustrations in this chapter depict the mounting of an unpopulated 12-slot chassis and a 16-slot
chassis.
After completing the instructions for your rack type, proceed to Cabling the Modular Switch.
3.1
7504N and 7508N Rack Mounting
3.1.1
Two-Post Rack Mount
To mount the switch to a two-post rack, assemble mounting brackets to the middle of the chassis, then
attach the brackets to the rack. The switch does not support a front or rear mount into a two-post rack.
The accessory kit includes the following two-post mounting parts:
•
2 - center-mount brackets
•
20 - M4x8 pan-head Phillips screws
3.1.1.1
Attaching Mounting Brackets to the Chassis
1. Orient the switch chassis and the two center-mount brackets (Figure 2: Attaching the Center-mount
Brackets).
Position the flanges that attach to the rack posts toward the rear of the chassis.
2. Attach both center-mount brackets to the chassis. Each bracket requires ten M4x8 pan-head
Phillips screws.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com