Electronic Components Datasheet Search
  English  ▼

X  

PWR-2700-DC-R Datasheet(PDF) 31 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 31 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 27Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 28Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 29Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 30Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 31Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 32Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 33Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 34Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 35Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 80 page
background image
Cabling the Modular Switch
Power down the switch: Remove all power cords from the power inlets.
4.3
Cabling the AC Power Supply
Rear Panel displays the rear panel location of power supplies and fabric modules.
The switch uses power cables with IEC-320 C-19 plugs. The accessory kit provides IEC-320 C-19
to C-20 power cables, each two meters long. To insert a power cable, plug the power cables into the
inlet.
4.4
Cabling the DC Power Supply
Important: The -48V and Battery-Return leads are a pair and should run adjacent to each
other and be approximately the same length.
Le - 48V et câbles de batterie-retour sont une paire courir à côté de l'autre et doivent être à peu
près la même longueur.
4.4.1
DC Power Supplies
The 7500N Series chassis supports two DC power supplies.
•
PWR-3K-DC-RED Power Supply.
•
DC Power Adapter Installation for PWR-2700-DC-R.
4.4.2
Wire and Lug Preparation
Before performing any installation actions, ensure power is removed from DC circuits by turning off the
power line servicing the circuits. Prepare the stranded wiring before you begin a DC power installation.
1. Stranded copper wiring is required.
•
Commercially available 2 to 4 AWG wire is recommended for installations in the U.S.
•
Wire size should meet local and national installation requirements.
•
Grounding wires and grounding lugs are not supplied.
•
Strip the wires to the appropriate length for the lugs.
The wires connecting the DC power supply to the power source must meet the following
requirements:
•
DC Input Wire Size: 2 – 4 AWG (33.6 mm
2 to 21.2 mm2).
•
Primary Ground Wire Size: 2 – 4 AWG (33.6 mm
2 to 21.2 mm2) per power supply.
•
The conductors are copper.
Figure 20: Lugs Wiring Terminations
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com