Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 116 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 116 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 112Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 113Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 114Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 115Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 116Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 117Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 118Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 119Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 120Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 462 page
background image
Chapter 4 BIU Module
4-16
Table 4.3.9 Access Mapping (PCMCIA in Big-Endian Mode)
Access
HA[1:0]
Port Size
(*1)
CARDCSnL*,
CARDCSnH*
Db[31:24]
Db[23:16]
Db[15:8]
Db[7:0]
Word(1/2)
00
16-bit
LL
R[31:24]
R[23:16]
X
X
Word(2/2)
10
16-bit
LL
R[15:8]
R[7:0]
X
X
Triple Byte(1/2)
00
16-bit
LL
R[31:24]
R[23:16]
X
X
Triple Byte(2/2)
10
16-bit
LH
R[15:8]
X
X
X
Triple Byte(1/2)
01
16-bit
HL
X
R[23:16]
X
X
Triple Byte(2/2)
10
16-bit
LL
R[15:8]
R[7:0]
X
X
Half-Word
00
16-bit
LL
R[15:8]
R[7:0]
X
X
Half-Word
10
16-bit
LL
R[15:8]
R[7:0]
X
X
Byte
00
16-bit
LH
R[7:0]
X
X
X
Byte
01
16-bit
HL
X
R[7:0]
X
X
Byte
10
16-bit
LH
R[7:0]
X
X
X
Byte
11
16-bit
HL
X
R[7:0]
X
X
Word(1/2)
00
8-bit
LL
R[31:24]
R[23:16]
X
X
Word(2/2)
10
8-bit
LL
R[15:8]
R[7:0]
X
X
Triple Byte(1/2)
00
8-bit
LL
R[31:24]
R[23:16]
X
X
Triple Byte(2/2)
10
8-bit
LH
R[15:8]
X
X
X
Triple Byte(1/2)
01
8-bit
LH
R[23:16]
X
X
X
Triple Byte(2/2)
10
8-bit
LL
R[15:8]
R[7:0]
X
X
Half-Word
00
8-bit
LL
R[15:8]
R[7:0]
X
X
Half-Word
10
8-bit
LL
R[15:8]
R[7:0]
X
X
Byte
00
8-bit
LH
R[7:0]
X
X
X
Byte
01
8-bit
LH
R[7:0]
X
X
X
Byte
10
8-bit
LH
R[7:0]
X
X
X
Byte
11
8-bit
LH
R[7:0]
X
X
X
*1) selected by Memory Configuration 3 Register PORT8SEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com