Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 117 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 117 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 113Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 114Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 115Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 116Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 117Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 118Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 119Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 120Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 121Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 462 page
background image
Chapter 4 BIU Module
4-17
4.3.3
CS3-CS0 and MCS3-MCS0 Timing
Figure 4.3.1 through Figure 4.3.4 show the timing for CS3-CS0 and MCS3-MCS0. The timing is the
same for all these signals, with the only exception being that 32-bit port timing only applies to CS3-CS0
while 16-bit port timing applies to CS3-CS0 and MCS3-MCS0.
Timing is also shown for Read Page Mode accesses. If Read Page Mode is enabled, the chip select
will be asserted for the entire read cycle. If the processor is performing a burst read to re-fill either a
data or instruction cache line, the chip select will remain asserted for the entire burst read. The first
access of a Read Page Mode access uses the ACCVAL1 control bits to define the access time, while the
next three accesses will use the ACCVAL2 control bits to define the access time. The pattern will repeat
until the read is complete.
Figure 4.3.1 shows the timing for a single Word read and write for a 32-bit memory device. The
access time is defined using the ACCVAL1 control bits. There are separate ACCVAL1 control bits for
each of the chip selects, such that each chip select has an independently configurable access time. The
ACCVAL1 bits should be set to the desired number of CLK times for the chip select. The ACCVAL1
bits must not be set to $0.
Figure 4.3.2 shows the timing for a Word read from a 16-bit port. The access is split into two parts to
read the full 32 bits. During the first read HA (1) will be low and during the second read HA (1) will be
high. The input data path will latch both accesses and concatenate them together as 32 bits for the
processor before asserting the Ack signal to the CPU Interface logic.
Figure 4.3.3 shows a 4-Word burst read from a 32-bit port. The ALE signal is only asserted at the
beginning of the cycle since the upper address bits will not be changed during the burst. The burst will
always start on a 16-byte boundary. The address bits will increment as follows: HA[3:2]
= 00, HA[3:2]
= 01, HA[3:2] = 10, then HA[3:2] = 11.
Figure 4.3.4 shows the same 4-Word burst read from a 32-bit port, except this time Read Page Mode
is enabled. In this case the chip select will remain asserted for the entire access and the addresses will
change to access the new address location. The first access uses the ACCVAL1 control bits, while the
next three accesses use the ACCVAL2 control bits. If the burst had been longer then 4 Words, the
ACCVAL1 control bits would have been used for every fourth access. This type of bursting is
compatible with ROM devices that support page mode access. If the 4-Word burst would have been
from a 16-bit port, eight accesses would have been required, but the ACCVAL1 bits would still be used
for the first and fifth access, while the ACCVAL2 bits would have been used for the rest. If Read Page
Mode is enabled for a particular chip select, then the ACCVAL1 and ACCVAL2 control bits must not
be set to $0. The “up arrow” markings on DCLKOUT in Figure 4.3.1 through Figure 4.3.4 show the
points where input data is sampled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com