Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 176 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 176 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 172Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 173Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 174Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 175Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 176Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 177Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 178Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 179Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 180Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 462 page
background image
Chapter 7 CHI Module
7-2
7.2
Interface Requirements
7.2.1
Frame Structure and Serial Timing
Each CHI frame (nominally 8 kHz rate) is time-division-multiplexed into several timeslots or
channels. The total number of timeslots per frame is programmable, with a maximum of 64 timeslots
allowed, and the number of timeslots is also restricted to an even number. Each timeslot is 8 bits,
although 16-bit or 32-bit channels can be supported by accessing adjacent timeslots.
The TMPR3911/12 CHI Module supports a master or slave mode for both the clock (CHICLK) and
sync (CHIFS). For the master mode, the TMPR3911/12 contains programmable dividers for generating
the clock and/or sync signal, synchronously dividing down from the main core clock (CLK). For the
slave mode, TMPR3911/12 accepts external clock and/or sync signals and utilizes “digital-PLL” type
circuitry to stayed “locked” to the external source.
The CHI Module supports the following programmable features which allow support for various
clock and sync timing formats:
•
1x versus 2x clock modes for CHICLK (2x clock mode uses two CHICLK periods per data
bit)
•
MSB-first versus LSB-first serial formats for transmit and receive
•
rising versus falling edge (polarity) used for frame sync triggering
•
CHIFS signal can be sampled on either rising or falling edge of CHICLK
•
CHIDIN receive data can be sampled on either rising or falling edge of CHICLK
•
CHIDOUT transmit data can be pushed on either rising or falling edge of CHICLK
•
CHIDIN receive data can have programmable bit offset (timeslot 0 offset from CHIFS)
•
CHIDOUT transmit data can have programmable bit offset (timeslot 0 offset from CHIFS)
•
CHIDOUT transmit data (tri-state) output buffer enable is dynamically asserted for only
active timeslots; for sleep mode CHIDOUT is always tri-stated
•
for CHIFS master mode, the CHIFS pulse width and polarity is programmable
The TMPR3911/12 CHI Module allows for a programmable bit offset for both CHIDIN and
CHIDOUT, which is related to the number of clock cycles between the start of timeslot 0 and CHIFS.
This flexibility allows the TMPR3911/12 CHI Module to support a wide variety of interface clock and
sync timing formats. The control bits for controlling the CHIDIN bit offset are CHIRXBOFF[3:0],
while the control bits for controlling the CHIDOUT bit offset are CHITXBOFF[3:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com