Electronic Components Datasheet Search
  English  ▼

X  

TMPR3911 Datasheet(PDF) 175 Page - Toshiba Semiconductor

Part # TMPR3911
Description  32-Bit TX System RISC TX39 Family
PDF  462 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3911 Datasheet(HTML) 175 Page - Toshiba Semiconductor

Back Button TMPR3911 Datasheet HTML 171Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 172Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 173Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 174Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 175Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 176Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 177Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 178Page - Toshiba Semiconductor TMPR3911 Datasheet HTML 179Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 462 page
background image
Chapter 7 CHI Module
7-1
7.
CHI Module
7.1
Overview
The CHI Module within the TMPR3911/12 contains holding registers, shift registers, DMA support, and
other logic to support interfacing to external full-duplex serial TDM communication peripherals, including
ISDN communication devices and PCM/TDM serial highways. The TMPR3911/12 implementation of the
CHI Module is based on the Concentration Highway Interface standard specified by Intel and AT&T, which
is intended to allow glueless interface to various TDM highways used by numerous commercial products.
The TMPR3911/12 CHI Module can also be used to support an intra-system high-speed serial DMA channel
within a PIC system.
The TMPR3911/12 CHI Module utilizes a 4-signal interface consisting of clock, sync, transmit serial data,
and receive serial data. The data is organized as a TDM format, with up to 64 timeslots (nominally 8 bits
each) per frame, with a nominal frame rate of 8 kHz (8 bits
× 8 kHz = 64 kbps nominal data rate per
channel). Up to four input timeslots and up to four output timeslots can be independently selected in each
half-frame. The CHI Module does not handle the timeslots which are not selected for input or output. The
number of timeslots and the data rate (up to 4.096 Mbps) and frame rate (up to 64 kHz, depending on the
system configuration) are programmable, providing flexibility for supporting various TDM communication
peripherals. These timeslots are commonly used to carry voice, data, or control and status information.
The CHI Module provides full-duplex DMA support for receive and transmit (two DMA channels). The
DMA buffers can be configured in a continuous (circular) buffer mode or a one-time (empty or fill, then
stop) buffer mode. Half-buffer and end-of-buffer DMA address counter interrupts are available, allowing the
CPU to minimize overhead and efficiently empty or fill half of the DMA buffer in a ping-pong fashion. The
DMA buffer size is programmable (up to a maximum of 16 Kbytes) and the receive and transmit buffers can
be configured to either reside in different memory spaces or share the same memory space (overlapping
buffers for loopback purposes or for optimum memory allocation). Also available is a direct CPU read/write
mode for bypassing the DMA, allowing the CPU to read or write the CHI data on a sample by sample basis,
if so desired.
7.1.1
Related Pins
CHIFS:
INPUT/OUTPUT
This pin is the CHI frame synchronization signal. This pin is available for use in one of two
modes. As an output, this pin allows the TMPR3911/12 to be the master CHI sync source. As an
input, this pin allows an external peripheral to be the master CHI sync source and the
TMPR3911/12 CHI Module will slave to this external sync.
CHICLK:
INPUT/OUTPUT
This pin is the CHI clock signal. This pin is available for use in one of two modes. As an output,
this pin allows the TMPR3911/12 to be the master CHI clock source. As an input, this pin allows
an external peripheral to be the master CHI clock source and the TMPR3911/12 CHI Module will
slave to this external clock.
CHIDOUT:
OUTPUT
This pin is the CHI serial data output signal.
CHIDIN:
INPUT
This pin is the CHI serial data input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com