Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
38
DEVICE DESCRIPTION
INTRODUCTION
The WM8991 is a low power, high quality audio codec designed to interface with a wide range of
processors and analogue components. A high level of mixed-signal integration in a small 5x5mm
footprint makes it ideal for portable applications such as mobile phones.
Eight highly flexible analogue inputs allow interfacing to up to four microphone inputs plus multiple
stereo or mono line inputs (single-ended or differential). Connections to an external voice CODEC,
FM radio, melody IC, line input, handset MIC and headset MIC are all fully supported. Signal routing
to the output mixers and within the CODEC has been designed for maximum flexibility to support a
wide variety of usage modes.
Ten analogue output drivers are integrated, including a high power, high quality speaker driver,
capable of providing 1W in class D mode or in class AB mode into 8
Ω BTL. Four headphone drivers
are provided, supporting ear speakers and stereo headsets. Fully differential headphone drive is
supported for excellent crosstalk performance and removing the need for large and expensive
headphone capacitors. Four line outputs are available for Tx voice output to a voice CODEC,
interfacing to an additional speaker driver and single-ended or fully differential line output. All outputs
have integrated pop and click suppression. The speaker supply has been designed with low leakage
and high PSRR, to support direct connection to a Lithium battery. In addition to the speaker PGA, six
AC and DC gain settings allow output signal level to be maximised for many commonly-used
SPKVDD/AVDD combinations.
Internal signal routing and amplifier configurations have been optimised to provide the lowest
possible power consumption for a number of common usage scenarios such as voice calls and
music playback.
The stereo ADCs and DACs are of hi-fi quality using a 24-bit, low-order oversampling architecture to
deliver optimum performance. A flexible clocking arrangement supports mixed ADC and DAC sample
rates, while an integrated ultra-low power PLL provides additional flexibility. A high pass filter is
available in the ADC path for removing DC offsets and suppressing low frequency noise such as
mechanical vibration and wind noise. A digital mixing path from the ADC to the DAC provides a
sidetone of enhanced quality during voice calls. DAC soft mute and un-mute is available for pop-free
music playback.
The WM8991 has a highly flexible digital audio interface, supporting a number of protocols, including
I2S, DSP, MSB-First left/right justified, and can operate in master or slave modes. PCM operation is
supported in the DSP mode. A-law and
µ-law companding are also supported. Time division
multiplexing (TDM) is available to allow multiple devices to stream data simultaneously on the same
bus, saving space and power. Alternative DAC interface pins are provided to allow connection to an
additional processor.
The SYSCLK (system clock) provides clocking for the ADCs, DACs, DSP core, class D outputs and
the digital audio interface. SYSCLK can be derived directly from the MCLK pin or via an integrated
PLL, providing flexibility to support a wide range of clocking schemes. All MCLK frequencies typically
used in portable systems are supported for sample rates between 8kHz and 48kHz. A flexible
switching clock for the class D speaker drivers (synchronous with the audio DSP clocks for best
performance) is also derived from SYSCLK. An additional master clock input pin is provided, to
support operation on an alternative clock domain, selectable via a de-glitch circuit.
To allow full software control over all its features, the WM8991 uses a standard 2-wire or 3/4-wire
control interface with readback of key registers supported. It is fully compatible and an ideal partner
for a wide range of industry standard microprocessors, controllers and DSPs. Unused circuitry can
be disabled via software to save power, while low leakage currents extend standby and off time in
portable battery-powered applications. The device address can be selected using the CSB/ADDR
pin.
Versatile GPIO functionality is provided, with support for up to seven button/accessory detect inputs
with interrupt and status readback and flexible de-bouncing options, clock output, alternative MCLK
input, ADCLRC inversion for simultaneous streaming of ADC data to two separate processors and
logic '1' / logic '0' for control of additional external circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com