Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 96 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 96 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 100Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
96
SERIAL DATA OUTPUT (REGISTER READBACK)
The GPIO pins can be configured to output serial data during register readback in 3-wire (open-drain)
or 4-wire mode. The readback mode is configured using the register bits RD_3W_ENA and
MODE_3W4W as described in Table 56.
Setting the RD_3W_ENA bit to 1 enables 3-wire readback using the SDIN pin in open-drain mode.
Setting the RD_3W_ENA bit to 0 requires the use of a GPIO pin as SDOUT. To enable SDOUT on a
GPIO pin, the following register settings are required:
•
ALRCGPIO1 = 1 (only required if using GPIO1)
•
MCLK_SRC = 0 (only required if using GPIO2)
•
AIF_SEL = 0 (only required if using GPIO3, GPIO4 or GPIO5)
•
ALRCGPIO6 = 0 (only required if using GPIO6)
•
AIF_TRIS = 0
•
GPIOn_SEL = 0110 for the selected SDOUT output pin
•
GPIOn_PU = 0 for the selected SDOUT output pin
•
GPIOn_PD = 0 for the selected SDOUT output pin
The register fields used to configure SDOUT on the GPIO pins are described in Table 56. Refer to
“Control Interface” for more details of 3-wire and 4-wire interfacing.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
RD_3W_ENA
1b
3- / 4-wire readback configuration
1 = 3-wire mode
0 = 4-wire mode, using GPIO pin
R22 (16h)
14
MODE_3W4W
0b
3-wire mode
0 = push 0/1
1 = open-drain
4-wire mode
0 = push 0/1
1 = wired-OR
Table 56 GPIO 3-Wire Readback Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com