Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 45 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 45 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 49Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
45
INPUT PGA VOLUME CONTROL
Each of the four Input PGAs has an independently controlled gain range of -16.5dB to +30dB in
1.5dB steps. The gains on the inverting and non-inverting inputs to the PGAs are always equal. Each
Input PGA can be independently muted using the PGA mute bits as described in Table 5, with
specified mute attenuation achieved by simultaneously disconnecting the corresponding inputs
described in Table 4.
To prevent "zipper noise", a zero-cross function is provided, so that when enabled, volume updates
will not take place until a zero-crossing is detected. In the event of a long period without zero-
crossings, a timeout function is available. When this function is enabled (using the TOCLK_ENA
register bit), the volume will update after the timeout period if no earlier zero-cross has occurred. The
timeout period is set by TOCLK_RATE. See “Clocking and Sample Rates” for more information on
these fields.
The IPVU bit controls the loading of the input PGA volume data. When IPVU is set to 0, the PGA
volume data will be loaded into the respective control register, but will not actually change the gain
setting. The LIN12, RIN12, LIN34, RIN34 volume settings are all updated when a 1 is written to
IPVU. This makes it possible to update the gain of all input paths simultaneously.
The Input PGA Volume Control register fields are described in Table 5 and Table 6.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
IPVU[0]
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause all input
PGA volumes to be updated
simultaneously (LIN12, LIN34, RIN12 and
RIN34)
7
LI12MUTE
1b
LIN12 PGA Mute
0 = Disable Mute
1 = Enable Mute
6
LI12ZC
0b
LIN12 PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
R24 (18h)
4:0
LIN12VOL
[4:0]
01011b
(0dB)
LIN12 Volume
(See Table 6 for volume range)
8
IPVU[1]
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause all input
PGA volumes to be updated
simultaneously (LIN12, LIN34, RIN12 and
RIN34)
7
LI34MUTE
1b
LIN34 PGA Mute
0 = Disable Mute
1 = Enable Mute
6
LI34ZC
0b
LIN34 PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only
R25 (19h)
4:0
LIN34VOL
[4:0]
01011b
(0dB)
LIN34 Volume
(See Table 6 for volume range)
8
IPVU[2]
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause all input
PGA volumes to be updated
simultaneously (LIN12, LIN34, RIN12 and
RIN34)
7
RI12MUTE
1b
RIN12 PGA Mute
0 = Disable Mute
1 = Enable Mute
R26 (1Ah)
6
RI12ZC
0b
RIN12 PGA Zero Cross Detector
0 = Change gain immediately
1 = Change gain on zero cross only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com