Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 82 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 82 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 86Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
82
GENERAL PURPOSE INPUT/OUTPUT
The WM8991 provides a number of versatile GPIO functions to enable features such as mobile TV
support, Wi-Fi voice call recording, button and accessory detection and clock output.
The WM8991 has eight multi-purpose pins for these functions.
•
GPIO1 to GPIO6: Dedicated GPIO pins.
•
LIN3/GPI7 and RIN3/GPI8: Analogue inputs or button/accessory detect inputs.
The following functions are available on some or all of the GPIO pins.
•
Alternative DAC interface (DACDAT, DACLRC, BCLK)
•
Button detect (latched with programmable de-bounce)
•
MICBIAS / Accessory current or short circuit detect
•
Alternative MCLK input
•
Clock output
•
Inverted ADCLRC output
•
Temperature sensor output
•
PLL lock output
•
Logic '1' and logic '0' output
•
Interrupt event output
•
Serial data output (register readback)
The functions available on each of the GPIO pins are identified in Table 44.
GPIO Pin Function
GPIO1 GPIO2 GPIO3 GPIO4 GPIO5 GPIO6
GPI7
GPI8
ADCLRC
Y
MCLK2
Y
BCLK2
Y
DACLRC2
Y
DACDAT2
Y
ADCLRCB
Y
Button/Accessory Detect Input
Y
YYY
YY
YY
Clock Output
Y
YYY
YY
Temperature OK
Y
YYY
YY
PLL Lock
Y
YYY
YY
Logic 1 and Logic 0
Y
Y
Y
Y
Y
Y
Interrupt
Y
YYY
YY
SDOUT (Readback Data)
Y
YYY
YY
Pull-up & Pull-down Available
Y
Y
Y
Y
Y
Y
GPIO PINS
Table 44 Functions Available on GPIO Pins
The GPIO pins are configured by a combination of register settings described in Table 45 to Table 48
in the following section. The order of precedence for the control of the GPIO pins is as listed below.
1. Pin pull-up or pull-down (GPIOn_PU, GPIOn_PD)
2. Audio Interface and GPIO Tristate (AIF_TRIS)
3. Pin configuration (AIFSEL, MCLK_SRC, ALRCGPIO1, and ALRCBGPIO6)
4. GPIO functionality (GPIOn_SEL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com