Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 98 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 98 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 102Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
98
Details of the GPIO implementation are shown below. In order to avoid GPIO loops if a GPIO is
configured as an output the corresponding input is disabled, as shown in Figure 45 below.
Figure 45 GPIO Pad
The GPIO register, i.e. latch structure, is shown in Figure 46 below. The de-bounce Control fields
GPIOn_DEB_ENA determine whether the signal is de-bounced or not. (Note that TOCLK (via
SYSCLK) needs to be present in order for the debounce circuit to work.) The polarity bits
GPIO_POL[7:0] control whether an interrupt is triggered by a logic 1 level (for GPIO_POL[n] = 0) or a
logic 0 level (for GPIO_POL[n] = 1). The latch will cause the interrupt to be stored until it is reset by
writing to the Interrupt Register. The latched signal is processed by the IRQ circuit, shown in Figure
44 above. The interrupt status bits can be read at any time from Register R18 (see Table 55) and are
reset by writing a “1” to the applicable bit in Register R18.
Note that the interrupt behaviour is driven by level detection (not edge detection). Therefore, if an
input remains asserted after the interrupt register has been reset, then the interrupt event will be
triggered again even though no transition has occurred. If edge detection is required, this may be
implemented as described in the following paragraphs.
Figure 46 GPIO Function
Three typical scenarios are presented in the following Figure 47, Figure 48 and Figure 49. The
examples are:
•
Latch a GPIO input (Figure 47)
•
Debounce and latch a GPIO input (Figure 48)
•
Use the GPIOn_POL bit to implement an IRQ edge detect function (Figure 49)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com