Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
20
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, SPKVDD = 5V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Multi-Path Channel Separation
G1
Headset Voice Call:
DAC/Headset to Tx Voice
Separation
1kHz 0dBFS DAC playback to
LOUT and ROUT; Quiescent input
on LIN12 or RIN12 (Gain=+12dB),
differential output to LOP/LON or
ROP/RON; Measure crosstalk at
LOP/LON or ROP/RON output
85
dB
G2
Headset Voice Call:
DAC/Speaker to Tx Voice
Separation
1kHz 0dBFS DAC playback to
speaker, 1W output; Quiescent
input on LIN12 or RIN12
(Gain=+12dB), differential output
to LOP/LON or ROP/RON;
Measure crosstalk at LOP/LON or
ROP/RON output
100
dB
G3
PCM Voice Call:
Rx Voice to Tx Voice Separation
fs=8kHz for ADC and DAC,
DAC_SB_FILT=1; -5dBFS
differential mono output from
DACs to OUT3/OUT4; Quiescent
input on input PGA (Gain=+12dB)
to ADC via INMIXL or INMIXR;
Measure crosstalk at ADC output
90
dB
G4
Speakerphone PCM Voice Call:
DAC/Speaker to ADC Separation
fs=8kHz for ADC and DAC,
DAC_SB_FILT=1; 0dBFS DAC
output to speaker (1W output);
ADC record from input PGA
(Gain=+30dB); Measure crosstalk
on ADC output
85
dB
G5
Ear Speaker Voice Call:
Tx Voice and Rx Voice Separation
1kHz Full scale differential input
on RXP/RXN, output to
OUT3/OUT4; Quiescent input on
LIN12 or RIN12 (Gain=+12dB),
differential output to LOP/LON or
ROP/RON; Measure crosstalk at
LOP/LON or ROP/RON output
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com