Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
14
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, SPKVDD = 5V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Programmable Gain Amplifiers (PGAs) LIN12, LIN34, RIN12 and RIN34
C1
Minimum Programmable Gain
-16.5
dB
C2
Maximum Programmable Gain
30
dB
C3
Programmable Gain Step Size
Guaranteed monotonic
1.5
dB
C4
Mute Attenuation
Inputs disconnected
90
dB
Single PGA in differential mode, gain = +30dB
60
Single PGA in differential mode, gain = 0dB
50
Single PGA in differential mode, gain = -16.5dB
50
C5
Common Mode Rejection Ratio
(1kHz input)
Differential input to DIFFINL or DIFFINR via
LIN1/LIN3 or RIN1/RIN3, gain = 0dB
45
dB
Received Voice (RXP-RXN) Differential to Single-Ended Converter RXVOICE
C6
Minimum Programmable Gain
AINLMODE = 01 or AINRMODE = 01
-12
dB
C7
Maximum Programmable Gain
AINLMODE = 01 or AINRMODE = 01
+6
dB
C8
Programmable Gain Step Size
AINLMODE = 01 or AINRMODE = 01
3
dB
C9
Mute Attenuation
AINLMODE = 01 or AINRMODE = 01
95
dB
PGA Output Differential to Single Ended Converters DIFFINL and DIFFINR
C10
Fixed Gain
AINLMODE = 10 or AINRMODE = 10
0
dB
C11
Mute Attenuation
AINLMODE = 10 or AINRMODE = 10
95
dB
Input Mixers INMIXL and INMIXR
C12
Minimum Programmable Gain
PGA Outputs to INMIXL and INMIXR
0
dB
C13
Maximum Programmable Gain
PGA Outputs to INMIXL and INMIXR
+30
dB
C14
Programmable Gain Step Size
PGA Outputs to INMIXL and INMIXR
30
dB
C15
Minimum Programmable Gain
Line Inputs and Record path to INMIXL and INMIXR
-12
dB
C16
Maximum Programmable Gain
Line Inputs and Record path to INMIXL and INMIXR
+6
dB
C17
Programmable Gain Step Size
Line Inputs and Record path to INMIXL and INMIXR
3
dB
C18
Mute attenuation
95
dB
Output Programmable Gain Amplifiers (PGAs) SPKPGA, LOPGA, ROPGA, LOUT and ROUT
C19
Minimum Programmable Gain
-73
dB
C20
Maximum Programmable Gain
+6
dB
C21
Programmable Gain Step Size
Guaranteed monotonic
1
dB
LOUT and ROUT
80
dB
C22
Mute attenuation
SPKPGA, LOPGA and ROPGA
70
dB
Output Programmable Gain Amplifiers (PGAs) OUT3, OUT4, LOP and ROP
C23
Minimum Programmable Gain
-6
dB
C24
Maximum Programmable Gain
0
dB
C25
Programmable Gain Step Size
6
dB
OUT3 and OUT4
80
dB
C26
Mute attenuation
LOP and ROP (also applies to LON and RON)
100
dB
Speaker Attenuation (SPKATTN)
C27
Minimum Programmable Gain
-12
dB
C28
Maximum Programmable Gain
0
dB
C29
Programmable Gain Step Size
6
dB
C30
Mute attenuation
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com