Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
16
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, SPKVDD = 5V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC Output Path (Line Outputs 10k
Ω / 50pF Load, Headphone Outputs 16Ω Load, Speaker Output 8Ω BTL Load)
SNR (A-weighted)
99
dB
THD
-86
dB
THD+N
-84
dB
Crosstalk (L/R)
-100
dB
AVDD PSRR (217Hz)
DAC to single-
ended line out,
0dBFS input,
AVDD = 3.3V
45
dB
SNR (A-weighted)
97
dB
THD
-89
dB
E1
THD+N
DAC to single-
ended line out,
0dBFS input,
AVDD = 2.7V
-87
dB
SNR (A-weighted)
99
dB
THD
-86
dB
THD+N
-84
dB
Crosstalk (L/R)
-100
dB
AVDD PSRR (217Hz)
60
dB
DC Offset at Load
DAC to
differential line
out, 0dBFS
input, AVDD =
3.3V
5
mV
SNR (A-weighted)
97
dB
THD
-90
dB
E2
THD+N
DAC to
differential line
out, 0dBFS
input, AVDD =
2.7V
-88
dB
E3
Minimum Line Out
Resistance
LOP, LON,
ROP, RON
2
k
Ω
E4
Maximum Line Out
Capacitance
LOP, LON,
ROP, RON
10
nF
SNR (A-weighted)
99
dB
THD (PO=20mW)
-81
dB
THD+N (PO=20mW)
-79
dB
THD (PO=5mW)
-77
dB
THD+N (PO=5mW)
-75
dB
Crosstalk (L/R)
-100
dB
AVDD PSRR (217Hz)
45
dB
HPVDD PSRR (217Hz)
DAC to LOUT or
ROUT, RL=32
Ω,
AVDD=HPVDD=
3.3V
85
dB
SNR (A-weighted)
97
dB
THD (PO=5mW)
-76
dB
E5
THD+N (PO=5mW)
DAC to LOUT or
ROUT, RL=32
Ω,
AVDD=HPVDD=
2.7V
32
Ω AC-Coupled Headphone Outputs
-74
dB
SNR (A-weighted)
90
99
dB
THD (PO=20mW)
-77
-72
dB
THD+N (PO=20mW)
-75
-70
dB
THD (PO=5mW)
-73
dB
THD+N (PO=5mW)
-71
dB
Crosstalk (L/R)
-100
dB
AVDD PSRR (217Hz)
45
dB
HPVDD PSRR (217Hz)
DAC to LOUT or
ROUT, RL=16
Ω,
AVDD=HPVDD=
3.3V
85
dB
SNR (A-weighted)
97
dB
THD (PO=20mW)
-74
dB
THD+N (PO=20mW)
-72
dB
THD (PO=5mW)
-72
dB
E6
THD+N (PO=5mW)
DAC to LOUT,
or ROUT,
RL=16
Ω,
AVDD=HPVDD=
2.7V
16
Ω AC-Coupled Headphone Outputs
LOUT
or
ROUT
LOMIX or
ROMIX
+
DACL or
DACR
+
RLOAD =
16Ohm
-70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com