Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
70
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
OPVU[2]
N/A
Output PGA Volume Update
Writing a 1 to this bit will update
LOPGA, ROPGA, LOUTVOL and
ROUTVOL volumes simultaneously.
7
LOPGAZC
0b
LOPGA Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
R32 (20h)
6:0
LOPGAVOL
[6:0]
79h
(0dB)
LOPGA Volume
(See Table 36 for output PGA volume
control range)
8
OPVU[3]
N/A
Output PGA Volume Update
Writing a 1 to this bit will update
LOPGA, ROPGA, LOUTVOL and
ROUTVOL volumes simultaneously.
7
ROPGAZC
0b
ROPGA Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
R33 (21h)
6:0
ROPGAVOL
[6:0]
79h
(0dB)
ROPGA Volume
(See Table 36 for output PGA volume
control range)
8
OPVU[0]
N/A
Output PGA Volume Update
Writing a 1 to this bit will update
LOPGA, ROPGA, LOUTVOL and
ROUTVOL volumes simultaneously.
7
LOZC
0b
LOUT (Left Headphone Output) Zero
Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
R28 (1Ch)
6:0
LOUTVOL
[6:0]
00h
(mute)
LOUT (Left Headphone Output)
Volume
(See Table 36 for output PGA volume
control range)
8
OPVU[1]
N/A
Output PGA Volume Update
Writing a 1 to this bit will update
LOPGA, ROPGA, LOUTVOL and
ROUTVOL volumes simultaneously.
7
ROZC
0b
ROUT (Right Headphone Output) Zero
Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
R29 (1Dh)
6:0
ROUTVOL
[6:0]
00h
(mute)
ROUT (Right Headphone Output)
Volume
(See Table 36 for output PGA volume
control range)
Table 35 LOPGA, ROPGA, LOUT and ROUT Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com