Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
40
MICROPHONE INPUTS
Up to four microphones can be connected to the WM8991, either in single-ended or pseudo-
differential mode. A low noise microphone bias is fully integrated to reduce the need for external
components.
In single-ended microphone input configuration, the microphone signal is connected to the inverting
input of the PGA (LIN1, LIN3, RIN1 or RIN3). The non-inverting input of the PGAs should be
internally connected to VMID in this configuration. This is enabled via the Input PGA configuration
register settings. In this configuration, LIN2, LIN4, RIN2 or RIN4 may be free to be used as line
inputs or ADC bypass inputs.
In pseudo-differential microphone input configuration, the non-inverted microphone signal is
connected to the non-inverting input of the PGA (LIN2, LIN4, RIN2 or RIN4) and the inverted (or
noisy ground) signal is connected to the inverting input (LIN1, LIN3, RIN1 or RIN3).
Any PGA input pin that is used in either microphone configuration should not be enabled as a line
input path at the same time.
The gain of the input PGAs is controlled via register settings. Note that the input impedance of LIN1,
LIN3, RIN1 and RIN3 changes with the input PGA gain setting, as described under “Electrical
Characteristics”. (Note this does not apply to input paths which bypass the input PGA.) The input
impedance of LIN2, LIN4, RIN2 and RIN4 does not change with input PGA gain. The inverting and
non-inverting inputs are therefore not matched and the differential configuration is not fully
differential.
Figure 17 Single-Ended Microphone Input
Figure 18 Differential Microphone Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com