Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 76 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 76 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 80Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
76
ANALOGUE OUTPUTS
The speaker, headphone and line outputs are highly configurable and may be used in many different
ways.
SPEAKER OUTPUT CONFIGURATIONS
The speaker outputs SPKP and SPKN are driven by the speaker mixer SPKMIX, and speaker
volume control SPKPGA, which can output a mix that is any combination of the following signals:
•
Left DAC and Right DAC outputs
•
LOMIX and ROMIX outputs via volume controls LOPGA and ROPGA
•
Line inputs LIN2 and RIN2
•
Output from left and right input mixers (AINLMUX & AINRMUX)
The speaker mixer is controlled as described under “Output Signal Path”. The speaker mixer output
can be attenuated to avoid clipping when mixing multiple signal inputs. Fine adjustment of the
speaker output can be made by the speaker volume control SPKPGA.
The speaker outputs SPKP and SPKN operate in a BTL configuration in Class AB and Class D
amplifier modes. The mode is selected by register bit CDMODE. The outputs are capable of driving
1W into an 8
Ω BTL load (or 500mW in class AB mode for thermal reasons) at room temperature. For
performance at higher temperatures, see Figure 2 in the “Recommended Operating Conditions”
section. Ultra-low leakage and high PSRR allow the speaker supply SPKVDD to be directly
connected to a lithium battery.
Six levels of AC and DC signal boost are provided in order to deliver maximum output power for
many commonly-used SPKVDD/AVDD combinations. These boost options are available in both
Class AB and Class D modes. The AC and DC gain levels from 1.0x to 1.8x are selected using
register bits ACGAIN and DCGAIN. To prevent pop noise, DCGAIN and ACGAIN should not be
modified while the speaker outputs are enabled.
Note that an appropriate SPKVDD supply voltage must be provided to prevent waveform clipping
when speaker boost is used.
Figure 31 Speaker Boost Operation
SPKP
SPKN
SPKATTN[1:0]
SPKVOL[6:0]
ACGAIN[2:0]
SPKGND
SPKVDD
AGND
AVDD
DCGAIN[2:0] or ACGAIN[2:0]
000 = 1.00x
001 = 1.27x
010 = 1.40x
011 = 1.52x
100 = 1.67x
101 = 1.80x
VMID
AVDD
AGND
DCGAIN[2:0]
VMID x DCGAIN
VMID x DCGAIN
SPKVDD
Signal x ACGAIN
BTL Connection
provides an
additional 6dB gain
SPEAKER MIXER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com