Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
32
AUDIO INTERFACE TIMING – TDM MODE
In TDM mode, it is important that two ADC devices to not attempt to drive the ADCDAT pin simultaneously. The timing of the
WM8991 ADCDAT tri-stating at the start and end of the data transmission is described in Figure 7 and the table below.
Figure 7 Digital Audio Data Timing - TDM Mode
Test Conditions
DBVDD=AVDD=3.3V, SPKVDD=5V, DGND=AGND=SPKGND=0V, TA=+25
oC, Master Mode, fs=48kHz,
MCLK=256fs, 24-bit data, unless otherwise stated.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Timing Information
DCVDD =
DBVDD = 3.6V
5
ns
ADCDAT setup time from BCLK falling edge
DCVDD =
DBVDD = 1.71V
15
ns
DCVDD =
DBVDD = 3.6V
5
ns
ADCDAT release time from BCLK falling edge
DCVDD =
DBVDD = 1.71V
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com