Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
18
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, SPKVDD = 5V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Bypass Path Performance (Line Outputs 10k
Ω / 50pF load, Headphone Outputs 16Ω load, Speaker Output 8Ω BTL load)
SNR (A-weighted)
110
dB
THD (PO=20mW)
-72
dB
THD+N (PO=20mW)
-70
dB
THD (PO=5mW)
-68
dB
THD+N (PO=5mW)
-66
dB
AVDD PSRR (217Hz)
80
dB
HPVDD PSRR (217Hz)
90
dB
DC Offset at Load
Differential Input
on RXP/RXN to
Differential
Output on
OUT3/OUT4,
AVDD=HPVDD=
3.3V
5
mV
SNR (A-weighted)
108
dB
THD (PO=20mW)
-70
dB
THD+N (PO=20mW)
-68
dB
THD (PO=5mW)
-67
dB
F1
THD+N (PO=5mW)
Differential Input
on RXP/RXN to
Differential
Output on
OUT3/OUT4,
AVDD=HPVDD=
2.7V
-65
dB
SNR (A-weighted)
100
dB
THD (PO=20mW)
-77
dB
THD+N (PO=20mW)
-75
dB
THD (PO=5mW)
-73
dB
THD+N (PO=5mW)
-71
dB
AVDD PSRR (217Hz)
45
dB
HPVDD PSRR (217Hz)
RXVOICE via
LOMIX or
ROMIX to
Headphone
Outputs,
AVDD=HPVDD=
3.3V
85
dB
SNR (A-weighted)
98
dB
THD (PO=20mW)
-74
dB
THD+N (PO=20mW)
-72
dB
THD (PO=5mW)
-72
dB
F2
THD+N (PO=5mW)
RXVOICE via
LOMIX or
ROMIX to
Headphone
Outputs,
AVDD=HPVDD=
2.7V
-70
dB
SNR (A-weighted)
93
dB
THD (PO=0.5W)
-87
dB
THD+N (PO=0.5W)
-85
dB
THD (PO=1.0W)
-81
dB
THD+N (PO=1.0W)
-79
dB
AVDD PSRR (217Hz)
45
dB
SPKVDD PSRR(217Hz)
Line Input to
SPKMIX,
AVDD=3.3V,
SPKVDD=5V,
ACGAIN=
DCGAIN=1.52,
Class D Mode
80
dB
SNR (A-weighted)
91
101
dB
THD (PO=0.5W)
-78
-70
dB
THD+N (PO=0.5W)
-76
-68
dB
THD (PO=1.0W)
-76
-66
dB
THD+N (PO=1.0W)
-74
-64
dB
AVDD PSRR (217Hz)
45
dB
SPKVDD PSRR(217Hz)
80
dB
F3
DC Offset at Load
Line Input to
SPKMIX,
AVDD=3.3V,
SPKVDD=5V,
Class AB Mode
5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com