Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
83
GPIO CONTROL REGISTERS
Table 45 shows how the dual-function GPIO pins are configured to operate in their different modes.
Note that the order of precedence described earlier applies.
Register field AIF_SEL selects the function of GPIO3, GPIO4 and GPIO5 between Audio Interface 2
and GPIO functions. Register field ALRCGPIO1 enables the GPIO functionality on GPIO1. Register
field MCLK_SRC enables the GPIO functionality on GPIO2. Register field ALRCGPIO6 enables the
inverted ADCLRC output on GPIO6. Register bit AIF_TRIS, when set, takes precedence over
AIF_SEL, ALRCGPIO1, MCLK_SRC and ALRCBGPIO6 and tri-states all GPIO pins.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
15
MCLK_SRC
0b
MCLK Source Select
0 = MCLK pin
1 = GPIO2/MCLK2 pin
R8 (08h)
13
AIF_SEL
0b
Audio Interface Select
0 = Audio interface 1
1 = Audio interface 2 (GPIO3/BCLK2,
GPIO4/DACLRC2, GPIO5/DACDAT2)
15
ALRCGPIO1
0b
ADCLRC/GPIO1 Pin Function Select
0 = ADCLRC
1 = GPIO1 (ADCLRC connected to
DACLRC internally)
14
ALRCBGPIO6
0b
GPIO6/ADCLRCB Pin Function Select
0 = GPIO6
1 = Inverted ADCLRC clock output
R9 (09h)
13
AIF_TRIS
0b
Audio Interface and GPIO Tristate
0 = Audio interface and GPIO pins
operate normally
1 = Tristate all audio interface and GPIO
pins
Table 45 GPIO and GPI Pin Function Select
The GPIO pins are also controlled by the register fields described in Table 46. Note the order of
precedence described earlier applies.
Pull-up and pull-down resistors may be enabled on any of GPIO1 to GPIO6. If enabled, these
settings take precedence over all other GPIO selections for that pin. Note that, by default, the pull-
down resistors on GPIO2, GPIO3, GPIO4, GPIO5 and GPIO6 are enabled.
When the GPIO pins are used as inputs, de-bounce and interrupt masking may be controlled on all
GPIO pins (including GPI7 and GPI8) using GPIOn_DEB_ENA and GPIOn_IRQ_ENA bits as shown
in Table 47.
For each of GPIO1 to GPIO6, the register field GPIOn_SEL is used to select the pin functions of the
individual GPIO pins as shown in Table 47. Note that this control has the lowest precedence and is
only effective when GPIOn_PU, GPIOn_PD, AIF_TRIS, AIFSEL, MCLK_SRC, ALRCGPIO1 and
ALRCBGPIO6 are set to allow GPIO functionality on that GPIO pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com