Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
12
ELECTRICAL CHARACTERISTICS
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, SPKVDD = 5V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input Pin Maximum Signal Levels (LIN1, LIN2, LIN3, LIN4, RIN1, RIN2, RIN3, RIN4)
Single-ended PGA
input on LIN1, LIN3,
RIN1 or RIN3, output
to INMIXL or INMIXR
1.0
0
Vrms
dBV
Differential PGA input
on LIN1/LIN2,
LIN3/LIN4, RIN1/RIN2
or RIN3/RIN4, output
to INMIXL or INMIXR
1.0
0
Vrms
dBV
A1
Maximum Full-Scale PGA
Input Signal Level
Note 1: This changes in
proportion to AVDD
(AVDD/3.3).
Note 2: When mixing input
PGA outputs and line
inputs the total signal
must not exceed 1Vrms
(0dBV).
Note 3: A 1.0Vrms
differential signal equates
to 0.5Vrms/-6dBV per
input.
Differential input to
two single-ended PGA
inputs on LIN1/LIN3
or RIN1/RIN3, output
to DIFFINL or
DIFFINR
1.0
0
Vrms
dBV
Line input on LIN2,
LIN4, RIN2 or RIN4 to
INMIXL or INMIXR
1.0
0
Vrms
dBV
Line input on LIN2 or
RIN2 to SPKMIX
1.0
0
Vrms
dBV
Line input on LIN3 or
RIN3 to LOMIX or
ROMIX
1.0
0
Vrms
dBV
Differential mono line
input on RXP/RXN to
RXVOICE
1.0
0
Vrms
dBV
A2
Maximum Full-Scale Line
Input Signal Level
Note 1: This changes in
proportion to AVDD
(AVDD/3.3).
Note 2: When mixing line
inputs, input PGA outputs
and DAC outputs the total
signal must not exceed
1Vrms (0dBV).
Note 3: A 1.0Vrms
differential signal equates
to 0.5Vrms/-6dBV per
input.
Differential mono line
input on RXP/RXN to
differential output on
OUT3/OUT4
1.0
0
Vrms
dBV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com