Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 67 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 67 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 71Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
67
OUTPUT MIXER CONTROL
The Output Mixer volume controls are described in Table 32 for the Left Channel and Table 33 for
the Right Channel. The gain of each of analogue input paths may be controlled independently in the
range described in Table 34. The DAC input levels may be controlled by the DAC digital volume
control - see “Digital to Analogue Converter (DAC)” for further details of this control.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R45 (2Dh)
5
LRI3LO
0b
RIN3 to LOMIX Mute
0 = Mute
1 = Un-mute
R45 (2Dh)
4
LLI3LO
0b
LIN3 to LOMIX Mute
0 = Mute
1 = Un-mute
R49 (31h)
8:6
LRI3LOVOL
[2:0]
000b
RIN3 to LOMIX Volume
(See Table 34 for Volume Range)
R47 (2Fh)
8:6
LLI3LOVOL
[2:0]
000b
LIN3 to LOMIX Volume
(See Table 34 for Volume Range)
R45 (2Dh)
2
LL12LO
0b
LIN12 PGA Output to LOMIX Mute
0 = Mute
1 = Un-mute
R47 (2Fh)
2:0
LL12LOVOL
[2:0]
000b
LIN12 PGA Output to LOMIX Volume
(See Table 34 for Volume Range)
R45 (2Dh)
3
LR12LO
0
RIN12 PGA Output to LOMIX Mute
0 = Mute
1 = Un-mute
R47 (2Fh)
5:3
LR12LOVOL
[2:0]
000b
RIN12 PGA Output to LOMIX Volume
(See Table 34 for Volume Range)
R45 (2Dh)
7
LRBLO
0b
AINRMUX Output (Right ADC bypass)
to LOMIX Mute
0 = Mute
1 = Un-mute
R49 (31h)
5:3
LRBLOVOL
[2:0]
000b
AINRMUX Output (Right ADC bypass)
to LOMIX Volume
(See Table 34 for Volume Range)
R45 (2Dh)
6
LLBLO
0b
AINLMUX Output (Left ADC bypass)
to LOMIX Mute
0 = Mute
1 = Un-mute
R49 (31h)
2:0
LLBLOVOL
[2:0]
000b
AINLMUX Output (Left ADC bypass)
to LOMIX Volume
(See Table 34 for Volume Range)
R45 (2Dh)
0
LDLO
0b
Left DAC to LOMIX Mute
0 = Mute
1 = Un-mute
Note: LDLO must be muted when
LDSPK=1
Table 32 Left Output Mixer (LOMIX) Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com