Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
85
The following table describes the coding of the fields listed in Table 46.
REGISTER
ADDRESS
LABEL
DEFAULT
DESCRIPTION
GPIOn_DEB_ENA
(n = 1 to 8)
0b
De-Bounce
0 = disabled (Not de-bounced)
1 = enabled (Requires MCLK input and
TOCLK_ENA = 1)
GPIOn_IRQ_ENA
(n = 1 to 8)
0b
IRQ Enable
0 = disabled
1 = enabled
GPIOn_PU
(n = 1 to 6)
0b
GPIO Pull-Up Resistor Enable
0 = Pull-up disabled
1 = Pull-up enabled (Approx 150k
Ω)
GPIOn_PD
(n = 1 to 6)
See
Table 46
GPIO Pull-Down Resistor Enable
0 = Pull-down disabled
1 = Pull-down enabled (Approx 150k
Ω)
GPIOn_SEL[3:0]
(n = 1 to 6)
0000b
GPIOn Pin Function Select
0000 = Input pin
0001 = Clock output (SYSCLK/OPCLKDIV)
0010 = Logic '0'
0011 = Logic '1'
0100 = PLL Lock output
0101 = Temperature OK output
0110 = SDOUT data output
0111 = IRQ output
1000 = MIC Detect
1001 = MIC Short Circuit Detect
1010 to 1111 = Reserved
Registers
R19 (13h)
to
R21 (15h)
(See Table
46)
GPIn_ENA
(n = 7 or 8)
0b
GPIn Input Pin Enable
0 = pin disabled as GPIn input
1 = pin enabled as GPIn input
Table 47 GPIO Function Control Bits
The polarity of GPIO/GPI inputs may be configured using the GPIO_POL register bits. This is
described in Table 48.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
7:0
GPIO_POL
[7:0]
(rw)
00h
GPIOn Input Polarity
0 = Non-inverted
1 = Inverted
GPIO_POL[7] = GPI8 polarity
GPIO_POL[6] = GPI7 polarity
GPIO_POL[5] = GPIO6 polarity
GPIO_POL[4] = GPIO5 polarity
GPIO_POL[3] = GPIO4 polarity
GPIO_POL[2] = GPIO3 polarity
GPIO_POL[1] = GPIO2 polarity
GPIO_POL[0] = GPIO1 polarity
Table 48 GPIO Polarity
Each of the available GPIO functions is described in turn in the following sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com