Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
22
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, SPKVDD = 5V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Reference Levels
H1
VMID Midrail Reference Voltage
-3%
AVDD/2
+3%
V
Microphone Bias
3mA load current
M1BSEL=0 / M2BSEL=0
-5%
0.9
×AVDD
+5%
V
H2
Bias Voltage
3mA load current
M1BSEL=1 / M2BSEL=1
-5%
0.65
×AVDD
+5%
V
H3
Bias Current Source
3
mA
H4
Output Noise Density
1kHz to 20kHz
100
nV/
√Hz
H5
AVDD PSRR (217Hz)
100mV pk-pk @217Hz
on AVDD
45
dB
Digital Input / Output
H6
Input HIGH Level
0.7
×DBVDD
V
H7
Input LOW Level
0.3
×DBVDD
V
Note that digital input pins should not be left unconnected / floating.
Internal pull-up/pull-down resistors may be enabled on GPIO1-6 if required.
H8
Output HIGH Level
IOL=1mA
0.9
×DBVDD
V
H9
Output LOW Level
IOH=-1mA
0.1
×DBVDD
V
H10
Input capacitance
10
pF
H11
Input leakage
-0.9
0.9
uA
PLL
PRESCALE = 0b
10
17
MHz
H12
Input Frequency
PRESCALE = 1b
20
34
MHz
H13
Lock time
200
us
GPIO
SYSCLK=MCLK;
OPCLKDIV=0000
35
65
%
SYSCLK=MCLK;
OPCLKDIV=1000
45
55
%
SYSCLK=PLL output;
OPCLKDIV=0000
45
55
%
H14
Clock output duty cycle
(Integer OPCLKDIV)
SYSCLK=PLL output;
OPCLKDIV=1000
45
55
%
SYSCLK=MCLK;
OPCLKDIV=0100
33
66
%
H15
Clock output duty cycle
(Non-integer OPCLKDIV)
SYSCLK=PLL output;
OPCLKDIV=0100
33
66
%
Input de-bounced
221 / fSYSCLK
222 / fSYSCLK
s
Input de-bounced
TOCLKSEL=1
219 / fSYSCLK
220 / fSYSCLK
s
H16
Interrupt response time for accessory /
button detect
Input not de-bounced
0
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com