Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
63
DAC SOFT MUTE AND SOFT UN-MUTE
The WM8991 has a soft mute function which, when enabled, gradually attenuates the volume of the
DAC output. When soft mute is disabled, the gain will either gradually ramp back up to the digital
gain setting, or return instantly to the digital gain setting, depending on the DAC_MUTEMODE
register bit.
The DAC is soft-muted by default (DAC_MUTE = 1). To play back an audio signal, this function must
first be disabled by setting DAC_MUTE to 0.
Soft Mute Mode would typically be enabled (DAC_MUTEMODE = 1) when using DAC_MUTE during
playback of audio data so that when DAC_MUTE is subsequently disabled, the sudden volume
increase will not create pop noise by jumping immediately to the previous volume level (e.g.
resuming playback after pausing during a track).
Soft Mute Mode would typically be disabled (DAC_MUTEMODE = 0) when un-muting at the start of a
music file, in order that the first part of the track is not attenuated (e.g. when starting playback of a
new track, or resuming playback after pausing between tracks).
DAC muting and un-muting using volume control bits
DACL_VOL and DACR_VOL.
DAC muting and un-muting using soft mute bit DAC_MUTE.
Soft Mute Mode not enabled (DAC_MUTEMODE = 0).
DAC muting and un-muting using soft mute bit DAC_MUTE.
Soft Mute Mode enabled (DAC_MUTEMODE = 1).
Figure 29 DAC Mute Control
The volume ramp rate during soft mute and un-mute is controlled by the DAC_MUTERATE bit.
Ramp rates of fs/32 and fs/2 are selectable as shown in Table 27. The ramp rate determines the rate
at which the volume will be increased or decreased. The actual ramp time depends on the extent of
the difference between the muted and un-muted volume settings.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
DAC_MUTERATE
0b
DAC Soft Mute Ramp Rate
0 = Fast ramp (fs/2, maximum ramp
time is 10.7ms at fs=48k)
1 = Slow ramp (fs/32, maximum ramp
time is 171ms at fs=48k)
6
DAC_MUTEMODE
0b
DAC Soft Mute Mode
0 = Disabling soft-mute
(DAC_MUTE=0) will cause the DAC
volume to change immediately to
DACL_VOL and DACR_VOL settings
1 = Disabling soft-mute
(DAC_MUTE=0) will cause the DAC
volume to ramp up gradually to the
DACL_VOL and DACR_VOL settings
R10 (0Ah)
2
DAC_MUTE
1b
DAC Soft Mute Control
0 = DAC Un-mute
1 = DAC Mute
Table 27 DAC Soft-Mute Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com