Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
41
LINE INPUTS
All eight analogue input pins may be configured as line inputs. Various signal paths exist to provide
flexibility, high performance and low power consumption for different usage modes.
LIN1 and RIN1 can operate as line inputs to the Input PGAs LIN12 and RIN12 to provide high gain if
required for small input signals.
LIN2 and RIN2 can operate as line inputs directly to the input mixers or to the speaker output mixer.
Direct routing to the speaker output minimises power consumption by reducing the number of active
amplifiers in the signal path.
LIN3 and RIN3 can operate as line inputs to the Input PGAs or as a line input directly to either of the
output mixers LOMIX and ROMIX.
LIN1+LIN3 and RIN1+RIN3 can also be used as fully balanced differential inputs via the Input PGAs
to one of the input mixers. (Note that these inputs have matched input impedances.)
LIN4/RXN and RIN4/RXP can operate as line inputs directly to the outputs OUT3 and OUT4,
providing an ultra-low power stereo or mono differential signal path (e.g. from an external voice
CODEC) to an ear speaker. LIN4/RXN and RIN4/RXP can also operate as a mono differential input
to the ADC input signal path and output mixer stages.
Figure 19 LIN1 or RIN1 as Line Inputs
Figure 20 LIN2 or RIN2 as Line Inputs
Figure 21 LIN3 or RIN3 as Line Inputs
Figure 22 Fully Balanced Differential Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com