Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
31
AUDIO INTERFACE TIMING – SLAVE MODE
Figure 6 Digital Audio Data Timing – Slave Mode
Test Conditions
DCVDD=1.8V, DBVDD=AVDD=3.3, SPKVDD=5V, DGND=AGND=SPKGND=0V, TA=+25
oC, Slave Mode, fs=48kHz,
MCLK=256fs, 24-bit data, unless otherwise stated.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Data Timing Information
BCLK (or BCLK2) cycle time
tBCY
50
ns
BCLK (or BCLK2) pulse width high
tBCH
20
ns
BCLK (or BCLK2) pulse width low
tBCL
20
ns
ADCLRC/ DACLRC (or DACLRC2) set-up time to BCLK
(or BCLK2) rising edge
tLRSU
20
ns
ADCLRC/ DACLRC (or DACLRC2) hold time from BCLK
(or BCLK2) rising edge
tLRH
10
ns
DACDAT (or DACDAT2) hold time from BCLK (or BCLK2)
rising edge
tDH
10
ns
ADCDAT propagation delay from BCLK falling edge
tDD
20
ns
DACDAT (or DACDAT2) set-up time to BCLK (or BCLK2)
rising edge
tDS
20
ns
ADCLRC to ADCLRCB delay
tDLRCB
20
ns
Note:
BCLK (or BCLK2) period should always be greater than or equal to MCLK (or MCLK2) period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com