Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
48
INPUT MIXER ENABLE
The WM8991 has two analogue input mixers which allow the Input PGAs and Line Inputs to be
combined in a number of ways and output to the ADCs or to the Output Mixers via bypass paths.
The input mixers INMIXL and INMIXR are enabled by the AINL_ENA and AINR_ENA register bits, as
described in Table 7. These control bits also enable the Input Multiplexers and Differential Input
drivers, described in the following section.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9
AINL_ENA
(rw)
0b
Left Input Path Enable
(Enables AINLMUX, INMIXL, DIFFINL and
RXVOICE input to AINLMUX)
0 = Input Path disabled
1 = Input Path enabled
R2 (02h)
8
AINR_ENA
(rw)
0b
Right Input Path Enable
(Enables AINRMUX, INMIXR, DIFFINR
and RXVOICE input to AINRMUX)
0 = Input Path disabled
1 = Input Path enabled
Table 7 Input Mixer Enable
INPUT MIXER CONFIGURATION
The left and right channel input multiplexers AINLMUX and AINRMUX select one of three input
sources for the Left and Right channels independently. The three input sources are as follows:
1. INMIXL or INMIXR output (a combination of Input PGAs, line inputs and the internal record path).
2. RXVOICE (a differential to single-ended conversion of RXP and RXN inputs).
3. DIFFINL or DIFFINR output (a differential to single-ended conversion of two Input PGAs).
The input source for the multiplexers is controlled by register bits AINLMODE and AINRMODE as
described in Table 8.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:2
AINLMODE
[1:0]
00b
AINLMUX Input Source
00 = INMIXL (Left Input Mixer)
01 = RXVOICE (RXP - RXN)
10 = DIFFINL (LIN12 PGA - LIN34 PGA)
11 = (Reserved)
R39 (27h)
1:0
AINRMODE
[1:0]
00b
AINRMUX Input Source
00 = INMIXR (Right Input Mixer)
01 = RXVOICE (RXP - RXN)
10 = DIFFINR (RIN12 PGA - RIN34 PGA)
11 = (Reserved)
Table 8 Input Mixer Configuration
The Input Mixer configuration is described for each of the three modes in the following sections. Note
that the Left and Right multiplexer (mode) settings can be set independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com