Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 68Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
72
The speaker mixer SPKMIX, the speaker PGA SPKPGA and the outputs SPKN and SPKP are
controlled as described in Table 37. Care should be taken to avoid clipping when enabling more than
one path to the speaker mixer.
Register bits SPKATTN control the speaker output attenuation and can be used to avoid clipping
when more than one full scale signal is input to the mixer. Fine adjustment of the speaker output can
be made using the SPKVOL register field.
To prevent "zipper noise" when adjusting the SPKVOL, a zero-cross function is provided so that,
when enabled, volume updates will not take place until a zero-crossing is detected. In the event of a
long period without zero-crossings, a timeout function is available. When this function is enabled
(using the TOCLK_ENA register bit), the volume will update after the timeout period if no earlier zero-
cross has occurred. The timeout period is set by TOCLK_RATE. See “Clocking and Sample Rates”
for more information on these fields.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
LB2SPK
0b
AINLMUX Output to SPKMIX
0 = Mute
1 = Un-mute
6
RB2SPK
0b
AINRMUX Output to SPKMIX
0 = Mute
1 = Un-mute
5
LI2SPK
0b
LIN2 to SPKMIX
0 = Mute
1 = Un-mute
4
RI2SPK
0b
RIN2 to SPKMIX
0 = Mute
1 = Un-mute
3
LOPGASPK
0b
LOPGA to SPKMIX
0 = Mute
1 = Un-mute
2
ROPGASPK
0b
ROPGA to SPKMIX
0 = Mute
1 = Un-mute
1
LDSPK
0b
Left DAC to SPKMIX
0 = Mute
1 = Un-mute
Note: LDSPK must be muted when
LDLO=1
R54 (36h)
0
RDSPK
0b
Right DAC to SPKMIX
0 = Mute
1 = Un-mute
Note: RDSPK must be muted when
RDRO=1
R34 (22h)
1:0
SPKATTN
[1:0]
11b
Speaker Output Attenuation (SPKN
and SPKP)
00 = 0dB
01 = -6dB
10 = -12dB
11 = mute
7
SPKZC
0b
SPKPGA Zero Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
R38 (26h)
6:0
SPKVOL
[6:0]
79h
(0dB)
SPKPGA Volume
(see Table 36 for SPKPGA volume
control range)
Table 37 Speaker Output Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com