Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
10
SPEAKER POWER DE-RATING CURVE
The speaker driver has been designed to drive a maximum of 1W into 8
Ω with a 5V supply.
However, thermal restrictions defined by the BGA package ӨJA limit the amount of power that can be
safely dissipated in the device without exceeding the maximum operating junction temperature.
Power dissipated in the device correlates directly with speaker efficiency, hence there are separate
de-rating curves for class D and class AB operation.
Under no circumstances should the recommended maximum powers be exceeded.
CLASS D DE-RATING CURVES
The de-rating curves shown in Figure 2 are based on a full scale sinusoidal input.
P
[W]
T
[ºC]
80
70
60
0.4
0.6
0.8
1.0
SPKVDD = 2.7V
SPKVDD = 3V
SPKVDD = 3.3V
SPKVDD = 3.6V
SPKVDD = 4.2V
SPKVDD = 5V
SPKVDD = 5.5V
0.9
0.7
0.3
0.5
0.1
0.2
55
65
75
85
Figure 2 Class D Speaker Power De-Rating Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com