Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
57
DIGITAL MIXING
The ADC and DAC data can be combined in various ways to support a range of different usage
modes.
Data from either of the two ADCs can be routed to either the left or the right channel of the digital
audio interface. In addition, data from either of the digital audio interface channels can be routed to
either the left or the right DAC. See "Digital Audio Interface" for more information on the audio
interface.
DIGITAL MIXING PATHS
Figure 28 shows the digital mixing paths available in the WM8991 digital core.
GPIO
Alternative DAC Interface
Alternative MCLK
Button Control / Accessory Detect
Clock Output
Inverted ADCLRC
ADCR_ENA
HIGH
PASS
FILTER
(VOICE
OR HI-FI)
HIGH
PASS
FILTER
(VOICE
OR HI-FI)
0
0
DAC
DAC
ADC
ADC
+
MONO
DAC_BOOST
[1:0]
ADCL_DATINV
ADC_HPF_CUT
[1:0]
ADCL_VOL
[7:0]
ADCR_VOL
[7:0]
DACL_VOL
[7:0]
DACR_VOL
[7:0]
ADC_TO_DACL
[1:0]
ADC_TO_DACR
[1:0]
DAC_MONO
DAC_MUTE,
DAC_MUTEMODE,
DAC_MUTERATE,
DAC_SB_FILT,
DEEMP[1:0]
DACL
DACR
en
en
DAC_BOOST
00 = 0dB
01 = +6dB
10 = +12dB
11 = +18dB
00=0
01=ADCL
10=ADCR
11=Reserved
DIGITAL AUDIO
INTERFACE
A-law and u-law support
TDM Support
ADC_HPF_ENA
en
en
ADCL_DAC_SVOL
[7:0]
ADCR_DAC_SVOL
[7:0]
ADCR_DATINV
DACR_DATINV
DACL_DATINV
AIFADCL_SRC
AIFADCR_SRC
L
R
DACR_SRC
DACL_SRC
R
L
+
+
en
en
ADCL_ENA
DIGITAL CORE
READBACK AVAILABLE
MAIN REGISTER BIT REFERENCE
REGISTER BIT ALSO REFERENCED
ELSEWHERE IN DIAGRAM
Figure 28 Digital Mixing Paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com