Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 78 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 78 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 82Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
78
When driving a handset ear speaker using OUT3 and OUT4 other than from RXP/RXN, the required
phase difference can be provided by inverting one of the DAC outputs or alternatively by mixing Left
and Right channels together using either LOMIX or ROMIX and muting the opposite channel.
Note that a differential output will provide an additional 6dB gain at the output pins. Register bits
OUT3ATTN and OUT4ATTN can be used to compensate for this gain if required.
Fully differential headphone drive is possible between LOUT and OUT3 and between ROUT and
OUT4. Routing LOPGA to OUT3 and ROPGA to OUT4 results in a phase inversion at LOUT with
respect to OUT3 and at ROUT with respect to OUT4. This allows fully differential headset drive, with
greatly improved crosstalk performance, improved bass response, increased noise immunity and
removing the need for large and expensive DC-blocking capacitors.
To ensure fully balanced differential operation, LOUT and OUT3 must be set to the same gain as
each other, and ROUT and OUT4 must be set to the same gain as each other. This is best achieved
by setting OUT3ATTN and OUT4ATTN to 0dB, whilst setting volume controls LOPGAVOL and
LOUTVOL at matching levels and setting volume controls ROPGAVOL and ROUTVOL at matching
levels.
Some example headphone output configurations are shown below.
Figure 32 AC-Coupled Headphone Drive
Figure 33 Capless Mode Headphone Drive
Figure 34 Headphone and Ear Speaker Drive
Figure 35 Fully Differential Headphone Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com