Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 158 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 158 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 162Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
158
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
SPKVOL
[6:0]
79h
(0dB)
SPKPGA Volume
(see Table 36 for SPKPGA volume control range)
15:4
000h
Reserved - Do Not Change
3:2
AINLMODE
[1:0]
00b
AINLMUX Input Source
00 = INMIXL (Left Input Mixer)
01 = RXVOICE (RXP - RXN)
10 = DIFFINL (LIN12 PGA - LIN34 PGA)
11 = (Reserved)
R39 (27h)
Input Mixers
(1)
1:0
AINRMODE
[1:0]
00b
AINRMUX Input Source
00 = INMIXR (Right Input Mixer)
01 = RXVOICE (RXP - RXN)
10 = DIFFINR (RIN12 PGA - RIN34 PGA)
11 = (Reserved)
15:8
00h
Reserved - Do Not Change
7
LMP4
0b
LIN34 PGA Non-Inverting Input Select
0 = LIN4 not connected to PGA
1 = LIN4 connected to PGA
6
LMN3
0b
LIN34 PGA Inverting Input Select
0 = LIN3 not connected to PGA
1 = LIN3 connected to PGA
5
LMP2
0b
LIN12 PGA Non-Inverting Input Select
0 = LIN2 not connected to PGA
1 = LIN2 connected to PGA
4
LMN1
0b
LIN12 PGA Inverting Input Select
0 = LIN1 not connected to PGA
1 = LIN1 connected to PGA
3
RMP4
0b
RIN34 PGA Non-Inverting Input Select
0 = RIN4 not connected to PGA
1 = RIN4 connected to PGA
2
RMN3
0b
RIN34 PGA Inverting Input Select
0 = RIN3 not connected to PGA
1 = RIN3 connected to PGA
1
RMP2
0b
RIN12 PGA Non-Inverting Input Select
0 = RIN2 not connected to PGA
1 = RIN2 connected to PGA
R40 (28h)
Input Mixers
(2)
0
RMN1
0b
RIN12 PGA Inverting Input Select
0 = RIN1 not connected to PGA
1 = RIN1 connected to PGA
15:9
00h
Reserved - Do Not Change
8
L34MNB
0b
LIN34 PGA Output to INMIXL Mute
0 = Mute
1 = Un-Mute
7
L34MNBST
0b
LIN34 PGA Output to INMIXL Gain
0 = 0dB
1 = +30dB
6
0b
Reserved - Do Not Change
5
L12MNB
0b
LIN12 PGA Output to INMIXL Mute
0 = Mute
1 = Un-Mute
4
L12MNBST
0b
LIN12 PGA Output to INMIXL Gain
0 = 0dB
1 = +30dB
R41 (29h)
Input Mixers
(3)
3
0b
Reserved - Do Not Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com