Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 170 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 170 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 174Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 170 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
170
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
Notes:
1. Wolfson recommend using a single, common ground reference. Where this is not possible care should be taken to optimise split ground
configuration for audio performance.
2. Supply decoupling capacitors on DCVDD, DBVDD, SPKVDD, HPVDD and AVDD should be positioned as close to the WM8991 as
possible. Values indicated are minimum requirements.
3. Capacitor types should be carefully chosen. Capacitors with very low ESR are recommended for optimum performance.
4. The loudspeaker should be connected as close as possible to the WM8991. When this is not possible, filtering should be placed on the
speaker outputs close to the WM8991.
5. The 2k2 MICBIAS resistors on each of the MIC inputs are typical values and will be suitable for many electret type microphones.
However, it is recommended that engineers refer to individual microphone specifications prior to finalising the value of this component.
WM8991
AVDD
DCVDD
SPKVDD
HPVDD
DBVDD
MODE
SDIN
SCLK
CSB/ADDR
MCLK
DACDAT
DACLRC
BCLK
ADCLRC/GPIO1
ADCDAT
GPIO5/DACDAT2
GPIO4/DACLRC2
GPIO3/BCLK2
GPIO6/ADCLRCB
GPIO2/MCLK2
LIN1
LIN4/RXN
LIN3/GPI7
LIN2
RIN1
RIN4/RXP
RIN3/GPI8
RIN2
AGND
HPGND
SPKGND
DGND
MICBIAS
VMID
LOP
LON
ROP
RON
SPKP
SPKN
OUT3
OUT4
LOUT
ROUT
BB
(Voice CODEC)
1 F
1 F
1 F
1 F
LINE
OUTPUTS
1 F
1 F
220 F
220 F
8 OHM
LOUDSPEAKER
16 or 32 OHM
EAR SPEAKER
16 or 32 OHM
HEADPHONES
4.7 F
4.7 F
4.7 F
CONTROL INTERFACE
(2, 3 or 4-wire via GPIO)
AUDIO INTERFACE
GPIO
4.7 F
4.7 F
0.1 F
0.1 F
Vbatt
DVDD
AVDD
1 F
1 F
1 F
1 F
1 F
1 F
LINE INPUT
(FM Radio)
LINE INPUT
(Melody Chip)
MICBIAS
MICBIAS
2k2
2k2
HEADSET
MIC
HANDSET
MIC
AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com