Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 129 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 129 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 125Page - Infineon Technologies AG XC2000 Datasheet HTML 126Page - Infineon Technologies AG XC2000 Datasheet HTML 127Page - Infineon Technologies AG XC2000 Datasheet HTML 128Page - Infineon Technologies AG XC2000 Datasheet HTML 129Page - Infineon Technologies AG XC2000 Datasheet HTML 130Page - Infineon Technologies AG XC2000 Datasheet HTML 131Page - Infineon Technologies AG XC2000 Datasheet HTML 132Page - Infineon Technologies AG XC2000 Datasheet HTML 133Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-35
V1.0, 2007-06
ADC, UM_V0.1D6
•
If a conversion is currently running, the arbitration winner is compared to the priority
of the currently running conversion. In the case that the current conversion has the
same or a higher priority, it is completed. Then, the conversion of the arbitration
winner is started.
•
If a conversion is currently running, the arbitration winner is compared to the priority
of the currently running conversion. In the case that the current conversion has the
lower priority and the arbiter winner has been programmed for wait-for-start mode,
the currently running conversion is completed. Then, the conversion of the arbitration
winner is started.
This mode can be used if the timing requirement for the higher priority conversions
allow a jitter (between t3 and t4 in Figure 16-8) in the range of a running conversion.
•
If a conversion is currently running, the arbitration winner is compared to the priority
of the currently running conversion. In the case that the current conversion has the
lower priority and the arbiter winner has been programmed for cancel-inject-repeat
mode, the current conversion is aborted immediately if a new request with a higher
priority has been found, unless both requests target the same result register with
wait-for-read active (see Section 16.2.14.2). The conversion of the arbitration winner
is started after the abort action. The aborted conversion request is restored in the
request source that has requested the aborted conversion. As a consequence, it
takes part again in the next arbitration round.
Please note that the abort mechanism can take between 1 and 3 fADCI cycles,
depending on the state of the current conversion.
This mode can be used if higher priority conversions only tolerate a small jitter
(between t8 and t9 in Figure 16-8).
Figure 16-8
Conversion Start Modes
ADC_conv_starts
conversions
B
A
A
A
B
request
channel A
request
channel B
t2
t1
t3
t6
t8
t4
t5
t7
t9
t10
t11
wait-for-start mode
cancel-inject-repeat mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com