Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 127 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 127 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 123Page - Infineon Technologies AG XC2000 Datasheet HTML 124Page - Infineon Technologies AG XC2000 Datasheet HTML 125Page - Infineon Technologies AG XC2000 Datasheet HTML 126Page - Infineon Technologies AG XC2000 Datasheet HTML 127Page - Infineon Technologies AG XC2000 Datasheet HTML 128Page - Infineon Technologies AG XC2000 Datasheet HTML 129Page - Infineon Technologies AG XC2000 Datasheet HTML 130Page - Infineon Technologies AG XC2000 Datasheet HTML 131Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-33
V1.0, 2007-06
ADC, UM_V0.1D6
16.2.6
Request Source Arbiter
The request source arbiter evaluates which analog input channel has to be converted.
Therefore, it regularly polls the request sources one after the other for pending
conversion requests. The polling sequence is based on time slots with programmable
length, called arbitration slots. If a request source is disabled or if no request source is
available for an arbitration slot, the slot is considered as being empty and has no
influence on the evaluation of the arbitration winner. After reset, all request sources are
disabled and have to be enabled by bits in register ASENR to take part in the arbitration
process.
The number of arbitration slots forming an arbitration round can be programmed to
obtain a similar arbiter timing for different devices, even if the number of available
request sources differs from one device to another. At the end of each arbitration round,
the arbiter has determined the request source with the highest priority and a pending
conversion request. This arbitration result is stored as arbitration winner for further
actions. If a conversion is started in an arbitration round, this arbitration round does not
deliver an arbitration winner.
In the XC2000, the following request sources are available:
•
Request source 0 in arbitration slot 0: 1-stage sequential source
This request source can issue a conversion request for a single input channel.
•
Request source 1 in arbitration slot 1: 16-channel scan source
This request source can issue a conversion request sequence of up to 16 input
channels in a defined order.
•
Request source 2 in arbitration slot 2: 4-stage sequential source
This request source can issue a conversion request sequence of up to 4 input
channels in a freely programmable order.
•
Last arbitration slot of the arbitration round: Synchronization source
In this slot, the arbiter checks for a synchronized request from another ADC kernel
and does not evaluate any internal request source. A request for a synchronized
conversion is always handled with the highest priority in a synchronization slave
kernel (pending requests from other sources are not considered).
Figure 16-7
Arbitration Round
ADC_arbiter_round
arbitration
slot 0
polling of
request
source 0
arbitration
slot 2
arbitration
slot 3
arbitration round
arbitration
slot 1
polling of
request
source 1
polling of
request
source 2
check for
synchronized
start request
arbitration
winner
found
conversion
can be
started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com