Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 124 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 124 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 120Page - Infineon Technologies AG XC2000 Datasheet HTML 121Page - Infineon Technologies AG XC2000 Datasheet HTML 122Page - Infineon Technologies AG XC2000 Datasheet HTML 123Page - Infineon Technologies AG XC2000 Datasheet HTML 124Page - Infineon Technologies AG XC2000 Datasheet HTML 125Page - Infineon Technologies AG XC2000 Datasheet HTML 126Page - Infineon Technologies AG XC2000 Datasheet HTML 127Page - Infineon Technologies AG XC2000 Datasheet HTML 128Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-30
V1.0, 2007-06
ADC, UM_V0.1D6
SYNRUN
10
rh
Synchronous Conversion Running
This bit indicates that a synchronized (= parallel)
conversion is currently running.
0B
There is no synchronized conversion running
(either there is no conversion currently running
or a synchronized conversion has not been
requested). A running conversion can be
cancelled and repeated in case of a new
incoming conversion request with higher
priority.
1B
A synchronized conversion is running.
This conversion can not be cancelled while
running. Higher priority requests can trigger
conversions only after the end of a
synchronized conversion.
CSRC
[13:11]
rh
Currently Converted Request Source
This bit field indicates the arbitration slot number of
the current conversion (if BUSY = 1, a conversion is
still running) or of the last conversion (if BUSY = 0,
no conversion is running). This bit field is updated
with each conversion start.
000B The channel requested by the request source
of arbitration slot 0 is (has been) converted.
001B The channel requested by the request source
of arbitration slot 1 is (has been) converted.
010B The channel requested by the request source
of arbitration slot 2 is (has been) converted.
other combinations are reserved
0
2,
[15:14]
r
Reserved
returns 0 if read; should be written with 0;
Field
Bits
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com