Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 121 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 121 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 117Page - Infineon Technologies AG XC2000 Datasheet HTML 118Page - Infineon Technologies AG XC2000 Datasheet HTML 119Page - Infineon Technologies AG XC2000 Datasheet HTML 120Page - Infineon Technologies AG XC2000 Datasheet HTML 121Page - Infineon Technologies AG XC2000 Datasheet HTML 122Page - Infineon Technologies AG XC2000 Datasheet HTML 123Page - Infineon Technologies AG XC2000 Datasheet HTML 124Page - Infineon Technologies AG XC2000 Datasheet HTML 125Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-27
V1.0, 2007-06
ADC, UM_V0.1D6
ARBRND
[11:10]
rw
Arbitration Round Length
This bit field defines the number of arbitration slots
per arbitration round (arbitration round length =
tARB).
00B An arbitration round contains 4 arbitration slots
(tARB =4 /fADCD).
01B An arbitration round contains 8 arbitration slots
(tARB =8 / fADCD).
10B An arbitration round contains 16 arbitration
slots (tARB =16/fADCD).
11B An arbitration round contains 20 arbitration
slots (tARB =20/fADCD).
0
[14:12]
rw
Reserved for Future Use
This bit field is reserved for future use and has to be
written with 000B.
ARBM
15
rw
Arbitration Mode
This bit field defines whether the arbiter runs
permanently or only while at least one conversion
request is pending.
0B
The arbiter runs permanently. This setting has
to be chosen in a synchronization slave (see
Section 16.2.17).
1B
The arbiter only runs if at least one conversion
request of an enabled request source is
pending. This setting leads to a reproducible
latency from an incoming request to the
conversion start if the converter is idle.
Synchronized conversions are not supported.
Field
Bits
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com