Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 118 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 118 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 114Page - Infineon Technologies AG XC2000 Datasheet HTML 115Page - Infineon Technologies AG XC2000 Datasheet HTML 116Page - Infineon Technologies AG XC2000 Datasheet HTML 117Page - Infineon Technologies AG XC2000 Datasheet HTML 118Page - Infineon Technologies AG XC2000 Datasheet HTML 119Page - Infineon Technologies AG XC2000 Datasheet HTML 120Page - Infineon Technologies AG XC2000 Datasheet HTML 121Page - Infineon Technologies AG XC2000 Datasheet HTML 122Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-24
V1.0, 2007-06
ADC, UM_V0.1D6
16.2.5
General ADC Registers
16.2.5.1
Kernel State Configuration Register
The kernel state configuration register KSCFG allows the selection of the desired kernel
modes for the different device operating modes.
Bit fields KSCFG.NOMCFG and KSCFG.COMCFG are reset by a class 3 reset. Bit field
KSCFG.SUMCFG is reset by a class 1 reset.
This register is a common register for all ADC kernels and can be accessed in the
address range of ADC0.
Note: The coding of the bit fields NOMCFG, SUMCFG and COMCFG is described in
Table 16-3.
ADC0_KSCFG
Kernel State Configuration Register
XSFR(0CH)
Reset Value: 0000H
15
14
13
12
11
10
9
8765
432
10
BP
COM
0COMCFG
BP
SUM
0
SUMCFG
BP
NOM
0NOMCFG
0
BP
MOD
EN
MOD
EN
w
r
rw
w
r
rw
w
r
rw
r
w
rw
Field
Bits
Type Description
MODEN
0rw
Module Enable
This bit enables the module kernel clock and the
module functionality.
0B
The module is switched off immediately
(without respecting a stop condition).
It does not react on mode control actions and
the module clock is switched off. The module
does not react on read accesses and ignores
write accesses (except to KSCFG).
1B
The module is switched on and can operate.
After writing 1 to MODEN, it is recommended
to read register KSCFG to avoid pipeline
effects in the control block before accessing
other ADC registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com