Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 116 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 116 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 112Page - Infineon Technologies AG XC2000 Datasheet HTML 113Page - Infineon Technologies AG XC2000 Datasheet HTML 114Page - Infineon Technologies AG XC2000 Datasheet HTML 115Page - Infineon Technologies AG XC2000 Datasheet HTML 116Page - Infineon Technologies AG XC2000 Datasheet HTML 117Page - Infineon Technologies AG XC2000 Datasheet HTML 118Page - Infineon Technologies AG XC2000 Datasheet HTML 119Page - Infineon Technologies AG XC2000 Datasheet HTML 120Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-22
V1.0, 2007-06
ADC, UM_V0.1D6
16.2.3
Module Activation and Power Saving Modes
The converter of the ADC supports specific power down modes allowing an automatic
reduction of the power consumption between two conversions. The following modes are
determined by bit field GLOBSTR.ANON:
•ANON = 00B: Converter switched off (default after reset)
The complete converter is switched off and held in its reset state, conversions are not
possible. To start a conversion, ANON has to be programmed to the desired mode.
A maximum wake-up time of about 10 µs has to be respected before starting a
conversion. Furthermore, digital logic blocks are set to their initial state.
•ANON = 01B: Slow stand-by mode
The converter enters a power reduction mode after each conversion. It switches
automatically to normal operation if a conversion is requested. A maximum wake-up
time of about 10 µs has to be added to the sample time. This leads to the lowest
power consumption for the ADC supply with wake-up capability.
•ANON = 10B: Fast stand-by mode
The converter enters a power reduction mode with less reduction than in slow stand-
by mode after each conversion. It switches automatically to normal operation if a
conversion is requested. A maximum wake-up time of about 3 µs has to be added to
the sample time. This leads to a reduced power consumption for the ADC supply
compared to normal operation.
•ANON = 11B: Normal operation
Conversions are always possible with the desired sample time. The converter stays
active permanently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com