Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 119 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 119 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 115Page - Infineon Technologies AG XC2000 Datasheet HTML 116Page - Infineon Technologies AG XC2000 Datasheet HTML 117Page - Infineon Technologies AG XC2000 Datasheet HTML 118Page - Infineon Technologies AG XC2000 Datasheet HTML 119Page - Infineon Technologies AG XC2000 Datasheet HTML 120Page - Infineon Technologies AG XC2000 Datasheet HTML 121Page - Infineon Technologies AG XC2000 Datasheet HTML 122Page - Infineon Technologies AG XC2000 Datasheet HTML 123Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-25
V1.0, 2007-06
ADC, UM_V0.1D6
Note: The bit protection bits BPxxx allow partly modification of the configuration bits with
a single write operation (without the need of a read-modify-write mechanism
handled by the CPU).
BPMODEN
1w
Bit Protection for MODEN
This bit enables the write access to the bit MODEN.
It always reads 0.
0B
MODEN is not changed.
1B
MODEN is updated with the written value.
NOMCFG
[5:4]
rw
Normal Operation Mode Configuration
This bit field defines the kernel mode applied in
normal operation mode.
00B Run mode 0 is selected.
01B Run mode 1 is selected.
10B Stop mode 0 is selected.
11B Stop mode 1 is selected.
BPNOM
7w
Bit Protection for NOMCFG
This bit enables the write access to the bit field
NOMCFG. It always reads 0.
0B
NOMCFG is not changed.
1B
NOMCFG is updated with the written value.
SUMCFG
[9:8]
rw
Suspend Mode Configuration
This bit field defines the kernel mode applied in
suspend mode. Coding like NOMCFG.
BPSUM
11
w
Bit Protection for SUMCFG
This bit enables the write access to the bit field
SUMCFG. It always reads 0.
0B
SUMCFG is not changed.
1B
SUMCFG is updated with the written value.
COMCFG
[13:12]
rw
Clock Off Mode Configuration
This bit field defines the kernel mode applied in
clock-off mode. Coding like NOMCFG.
BPCOM
15
w
Bit Protection for COMCFG
This bit enables the write access to the bit field
COMCFG. It always reads 0.
0B
COMCFG is not changed.
1B
COMCFG is updated with the written value.
0
[3:2], 6,
10, 14
r
Reserved
returns 0 if read; should be written with 0;
Field
Bits
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com