Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 115 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 2 (of 2): Peripheral Units
PDF  729 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 115 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 111Page - Infineon Technologies AG XC2000 Datasheet HTML 112Page - Infineon Technologies AG XC2000 Datasheet HTML 113Page - Infineon Technologies AG XC2000 Datasheet HTML 114Page - Infineon Technologies AG XC2000 Datasheet HTML 115Page - Infineon Technologies AG XC2000 Datasheet HTML 116Page - Infineon Technologies AG XC2000 Datasheet HTML 117Page - Infineon Technologies AG XC2000 Datasheet HTML 118Page - Infineon Technologies AG XC2000 Datasheet HTML 119Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 729 page
background image
XC2000 Derivatives
Peripheral Units (Vol. 2 of 2)
Analog to Digital Converter
Preliminary
User’s Manual
16-21
V1.0, 2007-06
ADC, UM_V0.1D6
Generally, bit field KSCFG.NOMCFG should be configured for run mode 0 as default
setting for standard operation. If the ADC kernels should not react to a suspend request
(and to continue operation as in normal mode), bit field KSCFG.SUMCFG has to be
configured with the same value as KSCFG.NOMCFG. If the ADC kernels should show
a different behavior and stop operation when a specific stop condition is reached, the
code for stop mode 0 or stop mode 1 has to be written to KSCFG.SUMCFG.
A similar mechanism applies for the clock-off mode with the possibility to program the
desired behavior by bit field KSCFG.COMCFG.
Note: The stop mode selection strongly depends on the application needs and it is very
unlikely that different stop modes are required in parallel in the same application.
As a result, only one stop mode type (either 0 or 1) should be used in the bit fields
in register KSCFG. Do not mix stop mode 0 and stop mode 1 and avoid transitions
from stop mode 0 to stop mode 1 (or vice versa) for the ADC module.
If the module clock is disabled by KSCFG.MODEN = 0 or in clock-off mode when the
stop condition is reached (in stop mode 0 or 1), the module can not be accessed by read
or write operations (except register KSCFG that can always be accessed). As a
consequence, it can not be configured.
Please note that bit KSCFG.MODEN should only be set by SW while all configuration
fields are configured for run mode 0.
Table 16-3
ADC Kernel Behavior
Kernel Mode
Kernel Behavior
Code
run mode 0
kernel operation as specified, no impact on data transfer
(same behavior for run mode 0 and run mode 1)
00B
run mode 1
01B
stop mode 0
A currently running AD conversion is completely finished and
the result is treated. Pending conversion request to start a new
conversion are not taken into account (but not deleted). They
start conversions after entering a run mode as programmed.
The arbiter continues as programmed.
10B
stop mode 1
Like stop mode 0, but the arbiter is stopped after it has finished
its arbitration round.
11B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com