| Electronic Components Datasheet Search |
|
XC2000 Datasheet(PDF) 128 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 Datasheet(HTML) 128 Page - Infineon Technologies AG |
|
128 / 729 page ![]() XC2000 Derivatives Peripheral Units (Vol. 2 of 2) Analog to Digital Converter Preliminary User’s Manual 16-34 V1.0, 2007-06 ADC, UM_V0.1D6 The period tARB of an arbitration round is given by: tARB =N × (GLOBCTR.DIVD + 1) / fADC with N being 4, 8, 16, or 20 as defined by GLOBCTR.ARBRND The period of the arbitration round introduces a timing granularity to detect an incoming conversion request signal and the earliest point to start the related conversion. This granularity can introduce a jitter of maximum one arbitration round. The jitter can be reduced by minimizing the period of an arbitration round (numbers of arbitration slots and their length). To achieve a reproducible reaction time (constant delay without jitter) between the trigger event of a conversion request (e.g. by a timer unit or due to an external event) and the start of the related conversion, mainly the following two options exist. For both options, the converter has to be idle and other conversion requests must not be pending for at least one arbiter round before the trigger event occurs: • If bit GLOBCTR.ARBM = 0, the arbiter runs permanently. In this mode, synchronized conversions of more than one ADC kernel are possible. The trigger for the conversion triggers has to be generated synchronously to the arbiter timing. Incoming triggers should have exactly n-times the granularity of the arbiter (n = 1, 2, 3, ...). In order to allow some flexibility, the duration of an arbitration slot can be programmed in cycles of fADC. • If bit GLOBCTR.ARBM = 1, the arbiter stops after an arbitration round when no conversion request have been found pending any more. The arbiter is started again if at least one enabled request source indicates a pending conversion request. The trigger of a conversion request does need not to be synchronous to the arbiter timing. In this mode, parallel conversions are not possible for synchronization slave kernels. 16.2.6.1 Request Source Priority Each request source has an individually programmable priority to be able to adapt to different applications (see register RSPR0). The priorities define the order the request sources are handled by the arbiter if two or more request sources indicate pending conversion requests at the same time. Starting with request source 0, the arbiter checks if an enabled request source has a pending request for a conversion. The arbitration winner is the request source with a pending conversion request and the highest priority that has been found first in an arbitration round. 16.2.6.2 Conversion Start Modes To start the requested conversion of the arbitration winner, the following aspects are automatically taken into consideration by the arbiter: • If the converter is currently idle (no conversion running), the conversion of the arbitration winner is started immediately. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |