Electronic Components Datasheet Search
  English  ▼

X  

LX256VCF2085 Datasheet(PDF) 33 Page - Lattice Semiconductor

Part # LX256VCF2085
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VCF2085 Datasheet(HTML) 33 Page - Lattice Semiconductor

Back Button LX256VCF2085 Datasheet HTML 29Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 30Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 31Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 32Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 33Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 34Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 35Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 36Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 37Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
33
ispGDX2V/B/C, ispGDX2EV/EB/EC Internal Timing Parameters
1
Over Recommended Operating Conditions
Parameter
Description
-3
-32
-35
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Input/Output Delays
tBUF
Output Buffer Delay
—
0.80
—
0.80
—
0.80
—
1.14
ns
tCLK_IN
Global Clock Input Delay
—
1.00
—
1.00
—
1.00
—
1.67
ns
tCLKEN_IN
Global Clock Enable Input Delay
—
1.80
—
1.80
—
1.80
—
3.00
ns
tDIS
Output Disable Delay
—
1.80
—
1.80
—
2.50
—
4.17
ns
tEN
Output Enable Delay
—
1.50
—
1.80
—
2.50
—
4.17
ns
tGOE_IN
Global Output Enable Path Delay
—
2.00
—
2.00
—
2.00
—
3.33
ns
tIN
Input Pin Delay
—
0.40
—
0.40
—
0.40
—
0.57
ns
tSEL_IN
Global MUX Select Input Delay
—
1.60
—
1.60
—
1.60
—
2.29
ns
tSR_IN
Global Set/Reset Path Delay
—
2.00
—
2.70
—
2.70
—
4.50
ns
tTOE_IN
Test Output Enable Path Delay
—
3.70
—
3.70
—
3.70
—
6.17
ns
Shift Register and MUX Delays
tIPAC
Input Path Adjacent I/O Cell Delay
(Shift Register)
—
0.80
—
0.80
—
0.80
—
1.33
ns
tOPAC
Output Path Adjacent I/O Cell Delay
(Shift Register)
—
1.30
—
1.30
—
1.30
—
2.17
ns
tMUXPD
MUX Data Path Delay
—
0.90
—
0.90
—
0.90
—
1.29
ns
tMUXSEL
MUX Select Path Delay
—
0.40
—
0.40
—
0.40
—
0.57
ns
AND Arrays and Routing Delays
tFIFODATAOUT
FIFO Output to I/O Block Delay
—
0.00
—
0.00
—
0.00
—
0.00
ns
tGCLK
Clock Tree Delay
—
0.40
—
0.40
—
0.40
—
0.67
ns
tHSIFIFOFLAG
HSI/FIFO Flag to I/O Block Delay
—
0.00
—
0.00
—
0.00
—
0.00
ns
tHSIOUT
HSI Output to I/O Cell Block Delay
—
0.00
—
0.00
—
0.00
—
0.00
ns
tHSISSCLKOUT
HSI Source Synchronous Clock to I/O Cell
Block Delay
—
0.00
—
0.00
—
0.00
—
0.00
ns
tPLL_DELAY
PLL Delay Increment
—
0.33
—
0.33
—
0.33
—
0.33
ns
tPTCLK
Clock AND Array Delay
—
2.20
—
2.20
—
2.20
—
3.67
ns
tPTCLKEN
Clock Enable AND Array Delay
—
2.10
—
2.10
—
2.10
—
3.50
ns
tPTOE
OE AND Array Delay
—
2.40
—
2.40
—
2.40
—
4.00
ns
tPTSEL
Select AND Array Delay
—
1.70
—
1.70
—
1.70
—
2.83
ns
tPTSR
Set/Reset AND Array Delay
—
1.40
—
1.40
—
2.70
—
4.50
ns
tROUTEGRP
Global Routing Pool Delay
—
0.90
—
0.90
—
0.90
—
1.29
ns
Register/Latch Delays, Output Paths
tOPASROi
Asynchronous Set/Reset to Output
—
2.50
—
2.50
—
2.50
—
4.17
ns
tOPASRRi
Asynchronous Set/Reset Recovery
—
2.50
—
2.50
—
2.50
—
4.17
ns
tOPBYPASS
Register/Latch Bypass Delay
—
0.00
—
0.20
—
0.50
—
0.71
ns
tOPCEHi
Register Clock Enable Hold Time
1.30
—
1.30
—
1.30
—
2.17
—
ns
tOPCESi
Register Clock Enable Setup Time
(Global Clock Enable)
1.10
—
1.10
—
1.10
—
1.83
—
ns
tOPCESi_PT
Register Clock Enable Setup Time
(Product Term Clock Enable)
1.00
—
1.00
—
2.10
—
3.50
—
ns
tOPCOi
Register Clock to Output Delay
—
0.70
—
0.90
—
1.00
—
1.67
ns
tOPHi
Register Hold Time
0.80
—
0.80
—
0.80
—
1.33
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com