Electronic Components Datasheet Search
  English  ▼

X  

LX256VCF2085 Datasheet(PDF) 60 Page - Lattice Semiconductor

Part # LX256VCF2085
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VCF2085 Datasheet(HTML) 60 Page - Lattice Semiconductor

Back Button LX256VCF2085 Datasheet HTML 56Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 57Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 58Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 59Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 60Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 61Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 62Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 63Page - Lattice Semiconductor LX256VCF2085 Datasheet HTML 64Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
60
ispGDX2-256 Logic Signal Connections
Signal
Name
sysIO
Bank
LVDS
Pair/Polarity
GDX
Block MRB
SERDES Mode
I/O Pin
1
SERDES Mode
I/O Cell
2
FIFO Mode I/O
Cell/Pin
3
484
fpBGA
BK0_IO0
0
0N
0A
0
-
-
FIFO0A_FULL
AB13
BK0_IO1
0
0P
0A
1
-
-
-
AA13
BK0_IO2/
PLL_LOCK2
0
1N
0A
2
-
-
-
V13
BK0_IO3
0
1P
0A
3
-
-
FIFO0A_ EMPTY
V14
GND
0
-
-
-
-
SYDT_HSI0A
5
-
GND
BK0_IO4
0
2N
0A
4
HSI0A_SINN
HSI0A_RXD0/TXD0
FIFO0A_DIN0/DOUT0
U12
BK0_IO5
0
2P
0A
5
HSI0A_SINP
HSI0A_RXD1/TXD1
FIFO0A_DIN1/DOUT1
U13
BK0_IO6
0
3N
6
-
HSI0A_RXD2/TXD2
FIFO0A_DIN2/DOUT2
W12
BK0_IO7
0
3P
0A
7
-
HSI0A_RXD3/TXD3
FIFO0A_DIN3/DOUT3
Y13
BK0_IO8
0
4N
0A
8
Note 4
HSI0A_RXD4/TXD4
FIFO0A_DIN4/DOUT4
W13
BK0_IO9/
PLL_FB2
0
4P
0A
9
-
HSI0A_RXD5/TXD5
FIFO0A_DIN5/DOUT5
Y14
BK0_IO10
0
5N
0A
10
HSI0A_SOUTN
HSI0A_RXD6/TXD6
FIFO0A_DIN6/DOUT6
T12
BK0_IO11
0
5P
0A
11
HSI0A_SOUTP
HSI0A_RXD7/TXD7
FIFO0A_DIN7/DOUT7
T13
GND
0
-
-
-
-
-
-
GND
BK0_IO12
0
6N
0A
12
-
HSI0A_RXD8/TXD8
FIFO0A_DIN8/DOUT8
AB14
BK0_IO13
0
6P
0A
13
HSI0A_SYDT
5
HSI0A_RXD9/TXD9
FIFO0A_DIN9/DOUT9
AB15
BK0_IO14
0
7N
0A
14
HSI0A_CDRRSTb
HSI0A_RECCLK
FIFO0A_FIFORSTb
Y15
BK0_IO15
0
7P
0A
15
FIFO0A_STRDb
6
-
-
W15
BK0_IO16
0
8N
1A
0
-
-
FIFO1A_FULL
AA15
BK0_IO17/
PLL_RST2
0
8P
1A
1
-
-
-
AA16
BK0_IO18
0
9N
1A
2
-
HSI1A_SYDT
5
-
Y16
BK0_IO19
0
9P
1A
3
-
HSI1A_RXD0/TXD0
FIFO1A_DIN0/DOUT0
W16
GND
0
-
-
-
-
-
-
GND
BK0_IO20
0
10N
1A
4
HSI1A_SOUTN
HSI1A_RXD1/TXD1
FIFO1A_DIN1/DOUT1
U14
BK0_IO21/
VREF0
0
10P
1A
5
HSI1A_SOUTP
HSI1A_RXD2/TXD2
FIFO1A_DIN2/DOUT2
U15
BK0_IO22
0
11N
1A
6
-
HSI1A_RXD3/TXD3
FIFO1A_DIN3/DOUT3
AB16
BK0_IO23
0
11P
1A
7
Note 4
HSI1A_RXD4/TXD4
FIFO1A_DIN4/DOUT4
AB17
BK0_IO24
0
12N
1A
8
-
HSI1A_RXD5/TXD5
FIFO1A_DIN5/DOUT5
AA17
BK0_IO25
0
12P
1A
9
-
HSI1A_RXD6/TXD6
FIFO1A_DIN6/DOUT6
W17
BK0_IO26
0
13N
1A
10
HSI1A_SINN
HSI1A_RXD7/TXD7
FIFO1A_DIN7/DOUT7
T14
BK0_IO27
0
13P
1A
11
HSI1A_SINP
HSI1A_RXD8/TXD8
FIFO1A_DIN8/DOUT8
T15
BK0_IO28
0
14N
1A
12
HSI1A_SYDT
5
HSI1A_RXD9/TXD9
FIFO1A_DIN9/DOUT9
AA18
BK0_IO29
0
14P
1A
13
HSI1A_CDRRSTb
5
HSI1A_RECCLK
FIFO1A_FIFORSTb
AB18
BK0_IO30
0
15N
1A
14
FIFO1A_STRDb
6
-
-
W18
BK0_IO31
0
15P
1A
15
-
-
FIFO1A_EMPTY
Y19
GND
0
-
-
-
-
-
-
GND
GOE3
-
-
-
-
-
-
-
AA19
TDO
-
-
-
-
-
-
-
AB19
GND
1
-
-
-
-
-
-
GND
BK1_IO0
1
16P
0B
0
-
-
FIFO0B_ FULL
W21
BK1_IO1
1
16N
0B
1
-
HSI0B_SYDT
5
-
W20
BK1_IO2
1
17P
0B
2
-
HSI0B_RXD0/TXD0
FIFO0B_DIN0/DOUT0
V22
BK1_IO3
1
17N
0B
3
Note 4
HSI0B_RXD1/TXD1
FIFO0B_DIN1/DOUT1
W22
BK1_IO4
1
18P
0B
4
HSI0B_SINP
HSI0B_RXD2/TXD2
FIFO0B_DIN2/DOUT2
P16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com